Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Data Sheet
ADA4255
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 64
Table 3.
Parameter
Rating
VDDH
VSSH – 0.3 V to VSSH + 60 V
VDDCP
DVSS – 0.3 V to DVSS + 5.5 V
AVDD
AVSS – 0.3 V to AVSS + 5.5 V
DVDD
DVSS – 0.3 V to DVSS + 5.5 V
AVSS or DVSS
Voltage
VSSH – 0.3 V to VSSH + 30 V
VDDH – 30 V to VDDH + 0.3 V
Current
±10 mA
VDDH/VSSH Current
±10 mA
Input Voltage (+IN1, −IN1, +IN2, or
−IN2)
VSSH − 60 V to VSSH + 60 V
Differential Input Voltage Between Any
Two Amplifier Inputs (+IN1, −IN1, +IN2,
or −IN2)
60 V
−OUT, +OUT Short-Circuit Current
Indefinite
VOCM
Voltage
AVSS – 0.3 V to AVDD + 0.3 V
Current
±10 mA
Digital Inputs Voltage and Outputs
Voltage (SPI and GPIO)
DVSS – 0.3 V to DVDD + 0.3 V
Digital Inputs Current (SPI and GPIO)
±10 mA
IOUT
Voltage
AVSS – 0.3 V to AVDD + 0.3 V
Current
±10 mA
Temperature
Operating Range
−40°C to +125°C
Specified Range
−40°C to +105°C
Maximum Junction
150°C
Storage Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection, junction to ambient, thermal resist-
ance measured in a one cubic foot sealed enclosure. θJC is the
junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type1
θJA
θJC
Unit
CP-28-11
36.9
1.9
°C/W
1 The thermal resistance values specified in Table 4 are simulated based
on JEDEC specifications (unless specified otherwise) and must be used in
compliance with JESD51-12.
Refer to the ESD Map section for a schematic of ESD diodes and
paths.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com