Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 34 of 64
WIRE BREAK DETECTION
The ADA4255 contains two programmable current sources that
can be configured to 0.25 μA, 2 μA, 4 μA, or 16 μA via the
WB_CURRENT bits (Register WB_DETECT). Both currents are
conducted from VDDH. These currents, in conjunction with the
on-chip comparators, enable continuity testing on the ADA4255
inputs.
The currents are switched to the amplifier inputs using F1 and F2,
as shown in Figure 95. The voltage to which these currents bias the
amplifier inputs is monitored internally by the ADA4255. When this
voltage is within 4 V of VDDH, the WB_ERR
(Register ANALOG_ERR_DIS) flag trips.
When F1 or F2 are closed, the amplifier gain settings in the
GAIN_MUX register are temporarily overridden to the default values
to avoid saturating the amplifier output in the event of an open-cir-
cuit input. Reads of the GAIN_MUX register during this time do not
reflect this. When F1 and F2 are open, the GAIN_MUX register
values automatically return to their previous values. This override
can be disabled via the WB_G_RST_DIS bit
(Register WB_DETECT).
Figure 95. Wire Break Current Connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com