Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 46 of 64
GAIN MULTIPLEXER REGISTER (GAIN_MUX)
DETAILS
Table 10. GAIN_MUX Register Details (Register 0x00)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
G4
G[3:0]
Reserved
EXT_MUX[1:0]
Access
R/W
R/W
Reserved
R/W
Reset
0
0
0
0
0
Reserved
0
0
Bit 7, G4—Output Amplifier Scaling Gain
(1.375 V/V)
Setting the G4 bit to 1 configures the output amplifier in a scaling
gain of 1.375 V/V. This configuration scales the input amplifier gain,
G[3:0] (Bits[6:3]), by 1.375 V/V. The G4 bit takes precedence over
the G5 bit, located in the TEST_MUX register. Setting the G4 bit
to 0 configures the output amplifier in either a gain of 1 V/V or
1.25 V/V, depending on the value written to the G5 bit. These gain
settings are summarized in Table 11.
Table 11. Output Amplifier Scaling Gain Settings
G5 Bit
G4 Bit
Output Amplifier Scaling Gain (V/V)
0
0
1
X1
1
1.375
1
0
1.25
1 X means don't care.
Bits[6:3], G[3:0]—Input Amplifier Gain Setting
The G[3:0] bits set the gain of the input amplifier, as shown in
Table 12. The overall gain is scaled by the output amplifier scaling
gain, which is configured using the G4 bit and the G5 bit. The
default input amplifier gain is 1/16 V/V.
Table 12. Register Values for Input Amplifier Gains
Input Amplifier Gain (V/V)
Bits in the G[3:0] Bit Field
G3
G2
G1
G0
1/16
0
0
0
0
1/8
0
0
0
1
1/4
0
0
1
0
1/2
0
0
1
1
1
0
1
0
0
2
0
1
0
1
4
0
1
1
0
8
0
1
1
1
16
1
0
0
0
32
1
0
0
1
64
1
0
1
0
128
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Bits[1:0], EXT_MUX[1:0]—External Multiplexer
Control
When external multiplexer control is enabled using the EXT_
MUX_EN bits in Register 0x0C, and GPIO1 and/or GPIO0 are
configured as outputs using the GPIO_DIR bits in Register 0x08,
EXT_MUX[1:0] sets the output of GPIO1 and/or GPIO0. This setup
simplifies communication in externally multiplexed applications be-
cause both the gain and the external multiplexer can be configured
with a single SPI write to the GAIN_MUX register. Multiplexers
larger than 4 to 1 are supported by using additional GPIOx pins and
additional SPI writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com