Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 10Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 11Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 12Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 13Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 14Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 15Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 16Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 17Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
14
NXP Semiconductors
Modules List
LDB
LVDS Display Bridge Connectivity
Peripherals
LVDS Display Bridge is used to connect the IPU (Image Processing Unit)
to External LVDS Display Interface. LDB supports two channels; each
channel has following signals:
• One clock pair
• Four data pairs
Each signal pair contains LVDS special differential pad (PadP, PadM).
MLB150
MediaLB
Connectivity /
Multimedia
Peripherals
The MLB interface module provides a link to a MOST® data network,
using the standardized MediaLB protocol (up to 150 Mbps).
The module is backward compatible to MLB-50.
MMDC
Multi-Mode DDR
Controller
Connectivity
Peripherals
DDR Controller has the following features:
• Supports 16/32/64-bit DDR3 / DDR3L or LPDDR2
• Supports both dual x32 for LPDDR2 and x64 DDR3 / LPDDR2
configurations (including 2x32 interleaved mode)
• Supports LPDDR2 up to 400 MHz and DDR3 up to 532 MHz
• Supports up to 4 GByte DDR memory space
OCOTP_CTRL OTP Controller
Security
The On-Chip OTP controller (OCOTP_CTRL) provides an interface for
reading, programming, and/or overriding identification and control
information stored in on-chip fuse elements. The module supports
electrically-programmable poly fuses (eFUSEs). The OCOTP_CTRL also
provides a set of volatile software-accessible signals that can be used for
software control of hardware elements, not requiring non-volatility. The
OCOTP_CTRL provides the primary user-visible mechanism for
interfacing with on-chip fuse elements. Among the uses for the fuses are
unique chip identifiers, mask revision numbers, cryptographic keys, JTAG
secure mode, boot characteristics, and various control signals, requiring
permanent non-volatility.
OCRAM
On-Chip Memory
Controller
Data Path
The On-Chip Memory controller (OCRAM) module is designed as an
interface between system’s AXI bus and internal (on-chip) SRAM memory
module.
In i.MX 6DualPlus/6QuadPlus processors, the OCRAM is used for
controlling the 512 KB multimedia RAM through a 64-bit AXI bus.
OSC 32 kHz
OSC 32 kHz
Clocking
Generates 32.768 kHz clock from an external crystal.
PCIe
PCI Express 2.0
Connectivity
Peripherals
The PCIe IP provides PCI Express Gen 2.0 functionality.
Table 2. i.MX 6DualPlus/6QuadPlus Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com