Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 76 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 72Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 74Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 75Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 76Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 77Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 78Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 79Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
76
NXP Semiconductors
Electrical Characteristics
4.12.3
Enhanced Serial Audio Interface (ESAI) Timing Parameters
The ESAI consists of independent transmitter and receiver sections, each section with its own clock
generator. Table 49 shows the interface timing values. The number field in the table refers to timing
signals found in Figure 37 and Figure 38.
Table 49. Enhanced Serial Audio Interface (ESAI) Timing
ID
Parameter1,2
Symbol
Expression2
Min
Max
Condition3 Unit
62
Clock cycle4
tSSICC
4
× Tc
4
× Tc
30.0
30.0
—
—
i ck
i ck
ns
63
Clock high period:
• For internal clock
• For external clock
—
—
2
× Tc − 9.0
2
× Tc
6
15
—
—
—
—
ns
64
Clock low period:
• For internal clock
• For external clock
—
—
2
× Tc − 9.0
2
× Tc
6
15
—
—
—
—
ns
65
ESAI_RX_CLK rising edge to ESAI_RX_FS out (bl) high
—
—
—
—
—
—
19.0
7.0
x ck
i ck a
ns
66
ESAI_RX_CLK rising edge to ESAI_RX_FS out (bl) low
—
—
—
—
—
—
19.0
7.0
x ck
i ck a
ns
67
ESAI_RX_CLK rising edge to ESAI_RX_FS out (wr)
high5
—
—
—
—
—
—
19.0
9.0
x ck
i ck a
ns
68
ESAI_RX_CLK rising edge to ESAI_RX_FS out (wr) low5
—
—
—
—
—
—
19.0
9.0
x ck
i ck a
ns
69
ESAI_RX_CLK rising edge to ESAI_RX_FS out (wl) high
—
—
—
—
—
—
19.0
6.0
x ck
i ck a
ns
70
ESAI_RX_CLK rising edge to ESAI_RX_FSout (wl) low
—
—
—
—
—
—
17.0
7.0
x ck
i ck a
ns
71
Data in setup time before ESAI_RX_CLK (serial clock in
synchronous mode) falling edge
—
—
—
—
12.0
19.0
—
—
x ck
i ck
ns
72
Data in hold time after ESAI_RX_CLK falling edge
—
—
—
—
3.5
9.0
—
—
x ck
i ck
ns
73
ESAI_RX_FS input (bl, wr) high before ESAI_RX_CLK
falling edge5
—
—
—
—
2.0
19.0
—
—
x ck
i ck a
ns
74
ESAI_RX_FS input (wl) high before ESAI_RX_CLK
falling edge
—
—
—
—
2.0
19.0
—
—
x ck
i ck a
ns
75
ESAI_RX_FS input hold time after ESAI_RX_CLK falling
edge
—
—
—
—
2.5
8.5
—
—
x ck
i ck a
ns
78
ESAI_TX_CLK rising edge to ESAI_TX_FS out (bl) high
—
—
—
—
—
—
19.0
8.0
x ck
i ck
ns
79
ESAI_TX_CLK rising edge to ESAI_TX_FS out (bl) low
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns
80
ESAI_TX_CLK rising edge to ESAI_TX_FS out (wr)
high5
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com