Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 80 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 76Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 77Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 78Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 79Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 80Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 81Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 82Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 83Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
80
NXP Semiconductors
Electrical Characteristics
4.12.4
Ultra High Speed SD/SDIO/MMC Host Interface (uSDHC)
AC Timing
This section describes the electrical information of the uSDHC, which includes SD/eMMC4.3 (Single
Data Rate) timing and eMMC4.4/4.1 (Dual Date Rate) timing.
4.12.4.1
SD/eMMC4.3 (Single Data Rate) AC Timing
Figure 39 depicts the timing of SD/eMMC4.3, and Table 50 lists the SD/eMMC4.3 timing characteristics.
Figure 39.
SD/eMMC4.3 Timing
Table 50.
SD/eMMC4.3 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP
1
0400
kHz
Clock Frequency (SD/SDIO Full Speed/High Speed)
fPP
2
0
25/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP
3
0
20/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7—
ns
SD3
Clock High Time
tWH
7—
ns
SD4
Clock Rise Time
tTLH
—3
ns
SD5
Clock Fall Time
tTHL
—3
ns
eSDHC Output/Card Inputs SD_CMD, SD_DATAx (Reference to SDx_CLK)
SD6
eSDHC Output Delay
tOD
–6.6
3.6
ns
SD1
SD3
SD5
SD4
SD7
SDx_CLK
SD2
SD8
SD6
Output from uSDHC to card
Input from card to uSDHC
SDx_DATA[7:0]
SDx_DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com