Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 27Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 31Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 32Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 33Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 34Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
31
4.1.9
PCIe 2.0 Maximum Power Consumption
Table 12 provides PCIe PHY currents for certain operating modes.
P1: Transmitter idle, Rx powered
down, LOS disabled
Single Transceiver
SATA_VP
0.67
mA
SATA_VPH
0.23
Clock Module
SATA_VP
6.9
SATA_VPH
6.2
P2: Powered-down state, only
LOS and POR enabled
Single Transceiver
SATA_VP
0.53
mA
SATA_VPH
0.11
Clock Module
SATA_VP
0.036
SATA_VPH
0.12
PDDQ mode3
Single Transceiver
SATA_VP
0.13
mA
SATA_VPH
0.012
Clock Module
SATA_VP
0.008
SATA_VPH
0.004
1 Programmed for 1.0 V peak-to-peak Tx level.
2 Programmed for 0.9 V peak-to-peak Tx level with no boost or attenuation.
3 LOW power non-functional.
Table 12. PCIe PHY Current Drain
Mode
Test Conditions
Supply
Max Current
Unit
P0: Normal Operation
5G Operations
PCIE_VP (1.1 V)
40
mA
PCIE_VPTX (1.1 V)
20
PCIE_VPH (2.5 V)
21
2.5G Operations
PCIE_VP (1.1 V)
27
PCIE_VPTX (1.1 V)
20
PCIE_VPH (2.5 V)
20
P0s: Low Recovery Time
Latency, Power Saving State
5G Operations
PCIE_VP (1.1 V)
30
mA
PCIE_VPTX (1.1 V)
2.4
PCIE_VPH (2.5 V)
18
2.5G Operations
PCIE_VP (1.1 V)
20
PCIE_VPTX (1.1 V)
2.4
PCIE_VPH (2.5 V)
18
Table 11. SATA PHY Current Drain (continued)
Mode
Test Conditions
Supply
Typical Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com