Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 34Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 35Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 36Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 37Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
38
NXP Semiconductors
Electrical Characteristics
from either a ~3 V backup battery (VDD_SNVS_IN) or VDD_HIGH_IN such as the oscillator consumes
power from VDD_HIGH_IN when that supply is available and transitions to the back up battery when
VDD_HIGH_IN is lost.
In addition, if the clock monitor determines that the OSC32K is not present, then the source of the 32 kHz
clock will automatically switch to the internal ring oscillator.
CAUTION
The internal RTC oscillator does not provide an accurate frequency and is
affected by process, voltage, and temperature variations. NXP strongly
recommends using an external crystal as the RTC_XTALI reference. If the
internal oscillator is used instead, careful consideration must be given to the
timing implications on all of the SoC modules dependent on this clock.
The OSC32k runs from VDD_SNVS_CAP, which comes from the VDD_HIGH_IN/VDD_SNVS_IN
power mux.
4.6
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate I/O (DDR) for LPDDR2 and DDR3/DDR3L modes
•LVDS I/O
•MLB I/O
Table 20. OSC32K Main Characteristics
Parameter
Min
Typ
Max
Comments
Fosc
—
32.768 kHz
—
This frequency is nominal and determined mainly by the crystal selected. 32.0 K
would work as well.
Current
consumption
—4
μA
—
The typical value shown is only for the oscillator, driven by an external crystal.
If the internal ring oscillator is used instead of an external crystal, then
approximately 25
μA must be added to this value.
Bias resistor
—
14 M
Ω
—
This the integrated bias resistor that sets the amplifier into a high gain state. Any
leakage through the ESD network, external board leakage, or even a scope probe
that is significant relative to this value will debias the amplifier. The debiasing will
result in low gain, and will impact the circuit's ability to start up and maintain
oscillations.
Target Crystal Properties
Cload
—
10 pF
—
Usually crystals can be purchased tuned for different Cloads. This Cload value is
typically 1/2 of the capacitances realized on the PCB on either side of the quartz.
A higher Cload will decrease oscillation margin, but increases current oscillating
through the crystal.
ESR
—
50 k
Ω
100 k
Ω Equivalent series resistance of the crystal. Choosing a crystal with a higher value
will decrease the oscillating margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com