Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 67 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 63Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 64Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 65Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 66Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 67Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 68Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 69Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 70Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
67
In EDO mode (Figure 28), NF16/NF17 are different from the definition in non-EDO mode (Figure 27).
They are called tREA/tRHOH (NAND_RE_B access time/NAND_RE_B HIGH to output hold). The
typical value for them are 16 ns (max for tREA)/15 ns (min for tRHOH) at 50 MB/s EDO mode. In EDO
mode, GPMI will sample NAND_DATAxx at rising edge of delayed NAND_RE_B provided by an
internal DPLL. The delay value can be controlled by GPMI_CTRL1.RDN_DELAY (see the GPMI chapter
of the i.MX 6DualPlus/6QuadPlus reference manual (IMX6DQPRM)). The typical value of this control
register is 0x8 at 50 MT/s EDO mode. However, if the board delay is large enough and cannot be ignored,
the delay value should be made larger to compensate the board delay.
NF16
Data setup on read
tDSR
—
(DS
× T -0.67)/18.38 [see 5,6]ns
NF17
Data hold on read
tDHR
0.82/11.83 [see 5,6]—
ns
1 The GPMI asynchronous mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings.
2
AS minimum value can be 0, while DS/DH minimum value is 1.
3 T = GPMI clock period -0.075ns (half of maximum p-p jitter).
4 NF12 is met automatically by the design.
5 Non-EDO mode.
6 EDO mode, GPMI clock ≈ 100 MHz
(AS=DS=DH=1, GPMI_CTL1 [RDN_DELAY] = 8, GPMI_CTL1 [HALF_PERIOD] = 0).
Table 44. Asynchronous Mode Timing Parameters1 (continued)
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com