Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 70 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 66Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 67Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 68Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 69Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 70Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 71Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 72Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
70
NXP Semiconductors
Electrical Characteristics
Figure 32. NAND_DQS/NAND_DQ Read Valid Window
Figure 32 shows the timing diagram of NAND_DQS/NAND_DATAxx read valid window. For Source
Synchronous mode, the typical value of tDQSQ is 0.85 ns (max) and 1 ns (max) for tQHS at 200MB/s.
GPMI will sample NAND_DATA[7:0] at both rising and falling edge of a delayed NAND_DQS signal,
which can be provided by an internal DPLL. The delay value can be controlled by GPMI register
GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI chapter of the i.MX
6DualPlus/6QuadPlus reference manual (IMX6DQPRM)). Generally, the typical delay value of this
register is equal to 0x7 which means 1/4 clock cycle delay expected. However, if the board delay is large
enough and cannot be ignored, the delay value should be made larger to compensate the board delay.
Table 45. Source Synchronous Mode Timing Parameters1
1 The GPMI source synchronous mode output timing can be controlled by the module’s internal registers
GPMI_TIMING2_CE_DELAY,GPMI_TIMING_PREAMBLE_DELAY,GPMI_TIMING2_POST_DELAY.ThisACtimingdepends
on these registers settings. In the table, CE_DELAY/PRE_DELAY/POST_DELAY represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min
Max
NF18 NAND_CEx_B access time
tCE
CE_DELAY
× T - 0.79 [see 2]
2 T = tCK (GPMI clock period) -0.075ns (half of maximum p-p jitter).
ns
NF19 NAND_CEx_B hold time
tCH
0.5
× tCK - 0.63 [see 2]ns
NF20 Command/address NAND_DATAxx setup time
tCAS
0.5
× tCK - 0.05
ns
NF21 Command/address NAND_DATAxx hold time
tCAH
0.5
× tCK - 1.23
ns
NF22 clock period
tCK
—
ns
NF23 preamble delay
tPRE
PRE_DELAY
× T - 0.29 [see 2]ns
NF24 postamble delay
tPOST
POST_DELAY
× T - 0.78 [see 2]ns
NF25 NAND_CLE and NAND_ALE setup time
tCALS
0.5
× tCK - 0.86
ns
NF26 NAND_CLE and NAND_ALE hold time
tCALH
0.5
× tCK - 0.37
ns
NF27 NAND_CLK to first NAND_DQS latching transition
tDQSS
T - 0.41 [see 2]ns
NF28 Data write setup
tDS
0.25
× tCK - 0.35
—
NF29 Data write hold
tDH
0.25
× tCK - 0.85
—
NF30 NAND_DQS/NAND_DQ read setup skew
tDQSQ
—
2.06
—
NF31 NAND_DQS/NAND_DQ read hold skew
tQHS
—
1.95
—
D0
D1
D2
D3
NF30
NF31
NF30
NF31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com