Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 54 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 50Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 51Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 52Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 53Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 54Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 55Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 56Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 57Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
54
NXP Semiconductors
Electrical Characteristics
4.9.3
External Interface Module (EIM)
The following subsections provide information on the EIM. Maximum operating frequency for EIM data
transfer is 104 MHz. Timing parameters in this section that are given as a function of register settings or
clock periods are valid for the entire range of allowed frequencies (0–104 MHz).
4.9.3.1
EIM Interface Pads Allocation
EIM supports 32-bit, 16-bit and 8-bit devices operating in address/data separate or multiplexed modes.
Table 40 provides EIM interface pads allocation in different modes.
Table 40. EIM Internal Module Multiplexing1
1 For more information on configuration ports mentioned in this table, see the i.MX 6DualPlus/6QuadPlus reference manual
(IMX6DQPRM).
Setup
Non Multiplexed Address/Data Mode
Multiplexed
Address/Data mode
8 Bit
16 Bit
32 Bit
16 Bit
32 Bit
MUM = 0,
DSZ = 100
MUM = 0,
DSZ = 101
MUM = 0,
DSZ = 110
MUM = 0,
DSZ = 111
MUM = 0,
DSZ = 001
MUM = 0,
DSZ = 010
MUM = 0,
DSZ = 011
MUM = 1,
DSZ = 001
MUM = 1,
DSZ = 011
EIM_ADDR
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_AD
[15:00]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_ADDR
[25:16]
EIM_DATA
[09:00]
EIM_DATA
[07:00],
EIM_EB0_B
EIM_DATA
[07:00]
———
EIM_DATA
[07:00]
—EIM_DATA
[07:00]
EIM_AD
[07:00]
EIM_AD
[07:00]
EIM_DATA
[15:08],
EIM_EB1_B
—EIM_DATA
[15:08]
——
EIM_DATA
[15:08]
—EIM_DATA
[15:08]
EIM_AD
[15:08]
EIM_AD
[15:08]
EIM_DATA
[23:16],
EIM_EB2_B
——
EIM_DATA
[23:16]
——
EIM_DATA
[23:16]
EIM_DATA
[23:16]
—EIM_DATA
[07:00]
EIM_DATA
[31:24],
EIM_EB3_B
——
—
EIM_DATA
[31:24]
—
EIM_DATA
[31:24]
EIM_DATA
[31:24]
—EIM_DATA
[15:08]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com