Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 37Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
41
4.6.4
RGMII I/O 2.5V I/O DC Electrical Parameters
The RGMII interface complies with the RGMII standard version 1.3. The parameters in Table 23 are
guaranteed per the operating ranges in Table 6, unless otherwise noted.
Table 23. RGMII I/O 2.5V I/O DC Electrical Parameters1
1
Input Mode Selection: SW_PAD_CTL_GRP_DDR_TYPE_RGMII = 10 (1.8V Mode)
SW_PAD_CTL_GRP_DDR_TYPE_RGMII = 11 (2.5V Mode).
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage1
VOH
Ioh= -0.1 mA (DSE=001,010)
Ioh= -1.0 mA (DSE=011,100,101,110,111)
OVDD-0.15
—V
Low-level output voltage1
VOL
Iol= 0.1 mA (DSE=001,010)
Iol= 1.0 mA (DSE=011,100,101,110,111)
—0.15
V
Input Reference Voltage
Vref
—
0.49xOVDD 0.51xOVDD
V
High-Level input voltage 2, 3
2 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.6
V, and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must
be controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other
methods. Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
3 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, Vil or Vih. Monotonic input transition time is from 0.1 ns to 1 s.
VIH
—
0.7xOVDD
OVDD
V
Low-Level input voltage 2, 3
VIL
—0
0.3xOVDD
V
Input Hysteresis(OVDD=1.8V)
VHYS_HighVDD
OVDD=1.8V
250
—
mV
Input Hysteresis(OVDD=2.5V)
VHYS_HighVDD
OVDD=2.5V
250
—
mV
Schmitt trigger VT+ 3, 4
4 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled
(register IOMUXC_SW_PAD_CTL_PAD_RGMII_TXC[HYS]= 0).
VTH+
—0.5xOVDD
—
mV
Schmitt trigger VT- 3, 4
VTH-
—
—
0.5xOVDD
mV
Pull-up resistor (22 k
Ω PU)
RPU_22K
Vin=0V
—
212
μA
Pull-up resistor (22 k
Ω PU)
RPU_22K
Vin=OVDD
—
1
μA
Pull-up resistor (47 k
Ω PU)
RPU_47K
Vin=0V
—
100
μA
Pull-up resistor (47 k
Ω PU)
RPU_47K
Vin=OVDD
—
1
μA
Pull-up resistor (100 k
Ω PU)
RPU_100K
Vin=0V
—
48
μA
Pull-up resistor (100 k
Ω PU)
RPU_100K
Vin=OVDD
—
1
μA
Pull-down resistor (100 k
Ω PD)
RPD_100K
Vin=OVDD
—
48
μA
Pull-down resistor (100 k
Ω PD)
RPD_100K
Vin=0V
—
1
μA
Keeper Circuit Resistance
Rkeep
—
105
165
k
Ω
Input current (no pull-up/down)
Iin
VI = 0,VI = OVDD
-2.9
2.9
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com