Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 82 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 78Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 79Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 80Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 81Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 82Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 83Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 84Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 85Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
82
NXP Semiconductors
Electrical Characteristics
4.12.4.3 SDR50/SDR104 AC Timing
Figure 41 depicts the timing of SDR50/SDR104, and Table 52 lists the SDR50/SDR104 timing
characteristics.
Figure 41.
SDR50/SDR104 Timing
Table 52. SDR50/SDR104 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
4.8
—
ns
SD2
Clock Low Time
tCL
0.46
× tCLK
0.54
× tCLK
ns
SD3
Clock High Time
tCH
0.46
× tCLK
0.54
× tCLK
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in SDR50 (Reference to SDx_CLK)
SD4
uSDHC Output Delay
tOD
–3
1
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in SDR104 (Reference to SDx_CLK)
SD5
uSDHC Output Delay
tOD
–1.6
0.74
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in SDR50 (Reference to SDx_CLK)
SD6
uSDHC Input Setup Time
tISU
2.5
—
ns
SD7
uSDHC Input Hold Time
tIH
1.5
—
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in SDR104 (Reference to SDx_CLK)1
1Data window in SDR100 mode is variable.
SD8
Card Output Data Window
tODW
0.5
× tCLK
—ns
Output from uSDHC to card
Input from card to uSDHC
SCK
SD4
SD3
SD5
SD3
SD8
SD7
SD6
SD1
SD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com