Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 81 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 77Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 78Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 79Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 80Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 81Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 82Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 83Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 84Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
81
4.12.4.2 eMMC4.4/4.41 (Dual Data Rate) eSDHCv3 AC Timing
Figure 40 depicts the timing of eMMC4.4/4.41. Table 51 lists the eMMC4.4/4.41 timing characteristics.
Be aware that only SDx_DATAx is sampled on both edges of the clock (not applicable to SD_CMD).
Figure 40. eMMC4.4/4.41 Timing
eSDHC Input/Card Outputs SD_CMD, SD_DATAx (Reference to SDx_CLK)
SD7
eSDHC Input Setup Time
tISU
2.5
—
ns
SD8
eSDHC Input Hold Time4
tIH
1.5
—
ns
1 In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7 to 3.6 V.
2 In normal (full) speed mode for SD/SDIO card, clock frequency can be any value between 0–25 MHz. In high-speed mode,
clock frequency can be any value between 0
–50 MHz.
3 In normal (full) speed mode for MMC card, clock frequency can be any value between 0–20 MHz. In high-speed mode, clock
frequency can be any value between 0
–52 MHz.
4To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2 ns.
Table 51. eMMC4.4/4.41 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock1
1 Clock duty cycle will be in the range of 47% to 53%.
SD1
Clock Frequency (EMMC4.4 DDR)
fPP
052
MHz
SD1
Clock Frequency (SD3.0 DDR)
fPP
050
MHz
uSDHC Output / Card Inputs SD_CMD, SD_DATAx (Reference to SD_CLK)
SD2
uSDHC Output Delay
tOD
2.8
6.8
ns
uSDHC Input / Card Outputs SD_CMD, SD_DATAx (Reference to SD_CLK)
SD3
uSDHC Input Setup Time
tISU
1.7
—
ns
SD4
uSDHC Input Hold Time
tIH
1.5
—
ns
Table 50.
SD/eMMC4.3 Interface Timing Specification (continued)
ID
Parameter
Symbols
Min
Max
Unit
SD1
SD3
Output from eSDHCv3 to card
Input from card to eSDHCv3
SDx_DATA[7:0]
SDx_CLK
SD4
SD2
......
......
SDx_DATA[7:0]
SD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com