Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 75 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 71Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 72Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 74Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 75Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 76Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 77Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 78Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
75
4.12.2.2
ECSPI Slave Mode Timing
Figure 36 depicts the timing of ECSPI in slave mode and Table 48 lists the ECSPI slave mode timing
characteristics.
Figure 36. ECSPI Slave Mode Timing Diagram
Table 48. ECSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
ECSPIx_SCLK Cycle Time–Read
• Slow group1
• Fast group2
ECSPIx_SCLK Cycle Time–Write
1 ECSPI slow includes:
ECSPI1/DISP0_DAT22, ECSPI1/KEY_COL1, ECSPI1/CSI0_DAT6,
ECSPI2/EIM_OE, ECSPI2/DISP0_DAT17, ECSPI2/CSI0_DAT10, ECSPI3/DISP0_DAT2
2 ECSPI fast includes:
ECSPI1/EIM_D17, ECSPI4/EIM_D22, ECSPI5/SD2_DAT0, ECSPI5/SD1_DAT0
tclk
55
40
15
—ns
CS2
ECSPIx_SCLK High or Low Time–Read
• Slow group1
• Fast group2
ECSPIx_SCLK High or Low Time–Write
tSW
26
20
7
—ns
CS4
ECSPIx_SSx pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5
ECSPIx_SSx Lead Time (CS setup time)
tSCS
5—
ns
CS6
ECSPIx_SSx Lag Time (CS hold time)
tHCS
5—
ns
CS7
ECSPIx_MOSI Setup Time
tSmosi
4—
ns
CS8
ECSPIx_MOSI Hold Time
tHmosi
4—
ns
CS9
ECSPIx_MISO Propagation Delay (CLOAD =20pF)
• Slow group1
• Fast group2
tPDmiso
4
25
17
ns
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MISO
ECSPIx_MOSI
Note: ECSPIx_MISO is always driven (not tri-stated) between actual data transmissions. This limits the ECSPI to be con-
nected between a single master and a single slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com