Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 33Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 34Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 35Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 36Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 37Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
37
4.4.4
480 MHz PLL
4.4.5
MLB PLL
The MediaLB PLL is necessary in the MediaLB 6-Pin implementation to phase align the internal and
external clock edges, effectively tuning out the delay of the differential clock receiver and is also
responsible for generating the higher speed internal clock, when the internal-to-external clock ratio is
not 1:1.
4.4.6
Arm PLL
4.5
On-Chip Oscillators
4.5.1
OSC24M
This block implements an amplifier that when combined with a suitable quartz crystal and external load
capacitors implements an oscillator. The oscillator is powered from NVCC_PLL_OUT.
The system crystal oscillator consists of a Pierce-type structure running off the digital supply. A straight
forward biased-inverter implementation is used.
4.5.2
OSC32K
This block implements an amplifier that when combined with a suitable quartz crystal and external load
capacitors implements a low power oscillator. It also implements a power mux such that it can be powered
Table 17. 480 MHz PLL Electrical Parameters
Parameter
Value
Clock output range
480 MHz PLL output
Reference clock
24 MHz
Lock time
<383 reference cycles
Table 18. MLB PLL Electrical Parameters
Parameter
Value
Lock time
<1.5 ms
Table 19. Arm PLL Electrical Parameters
Parameter
Value
Clock output range
650 MHz~1.3 GHz
Reference clock
24 MHz
Lock time
<2250 reference cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com