Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 31Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 32Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 33Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 34Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 35Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
32
NXP Semiconductors
Electrical Characteristics
4.1.10
HDMI Maximum Power Consumption
Table 13 provides HDMI PHY currents for both Active 3D Tx with LFSR15 data pattern and Power-down
modes.
P1: Longer Recovery Time
Latency, Lower Power State
—
PCIE_VP (1.1 V)
12
mA
PCIE_VPTX (1.1 V)
2.4
PCIE_VPH (2.5 V)
12
Power Down
—
PCIE_VP (1.1 V)
1.3
mA
PCIE_VPTX (1.1 V)
0.18
PCIE_VPH (2.5 V)
0.36
Table 13. HDMI PHY Current Drain
Mode
Test Conditions
Supply
Max Current
Unit
Active
Bit rate 251.75 Mbps
HDMI_VPH
14
mA
HDMI_VP
4.1
mA
Bit rate 279.27 Mbps
HDMI_VPH
14
mA
HDMI_VP
4.2
mA
Bit rate 742.5 Mbps
HDMI_VPH
17
mA
HDMI_VP
7.5
mA
Bit rate 1.485 Gbps
HDMI_VPH
17
mA
HDMI_VP
12
mA
Bit rate 2.275 Gbps
HDMI_VPH
16
mA
HDMI_VP
17
mA
Bit rate 2.97 Gbps
HDMI_VPH
19
mA
HDMI_VP
22
mA
Power-down
—
HDMI_VPH
49
μA
HDMI_VP
1100
μA
Table 12. PCIe PHY Current Drain (continued)
Mode
Test Conditions
Supply
Max Current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com