Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 15Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 16Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 17Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 18Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 19Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 20Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 21Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 22Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 166 page
background image
Modules List
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
19
3.1
Special Signal Considerations
The package contact assignments can be found in Section 6, “Package Information and Contact
Assignments.” Signal descriptions are defined in the i.MX 6DualPlus/6QuadPlus reference manual
(IMX6DQPRM). Special signal consideration information is contained in the Hardware Development
Guide for i.MX 6Quad, 6Dual, 6DualLite, 6Solo Families of Applications Processors
(IMX6DQ6SDLHDG).
3.2
Recommended Connections for Unused Analog Interfaces
The recommended connections for unused analog interfaces can be found in the section, “Unused analog
interfaces,” of the Hardware Development Guide for i.MX 6Quad, 6Dual, 6DualLite, 6Solo Families of
Applications Processors (IMX6DQ6SDLHDG).
WDOG-2
(TZ)
Watchdog
(TrustZone)
Timer
Peripherals
The TrustZone Watchdog (TZ WDOG) timer module protects against
TrustZone starvation by providing a method of escaping normal mode and
forcing a switch to the TZ mode. TZ starvation is a situation where the
normal OS prevents switching to the TZ mode. Such a situation is
undesirable as it can compromise the system’s security. Once the TZ
WDOG module is activated, it must be serviced by TZ software on a
periodic basis. If servicing does not take place, the timer times out. Upon
a time-out, the TZ WDOG asserts a TZ mapped interrupt that forces
switching to the TZ mode. If it is still not served, the TZ WDOG asserts a
security violation signal to the CSU. The TZ WDOG module cannot be
programmed or deactivated by a normal mode Software.
EIM
NOR-Flash /PSRAM
interface
Connectivity
Peripherals
The EIM NOR-FLASH / PSRAM provides:
• Support 16-bit (in muxed IO mode only) PSRAM memories (sync and
async operating modes), at slow frequency
• Support 16-bit (in muxed IO mode only) NOR-Flash memories, at slow
frequency
• Multiple chip selects
XTALOSC
Crystal Oscillator
interface
—
The XTALOSC module enables connectivity to external crystal oscillator
device. In a typical application use-case, it is used for 24 MHz oscillator.
Table 2. i.MX 6DualPlus/6QuadPlus Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com