Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 145 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 141Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 142Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 143Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 144Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 145Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
145
NVCC_MIPI
K7
Supply of the MIPI interface
NVCC_NANDF
G15
Supply of the RAW NAND Flash
Memories interface
NVCC_PLL_OUT
E8
—
NVCC_RGMII
G18
Supply of the ENET interface
NVCC_SD1
G16
Supply of the SD card interface
NVCC_SD2
G17
Supply of the SD card interface
NVCC_SD3
G14
Supply of the SD card interface
PCIE_VP
H7
—
PCIE_REXT
A2
—
PCIE_VPH
G7
PCI PHY supply
PCIE_VPTX
G8
PCI PHY supply
SATA_REXT
C14
—
SATA_VP
G13
—
SATA_VPH
G12
—
USB_H1_VBUS
D10
—
USB_OTG_VBUS
E9
—
VDD_CACHE_CAP
N12
Cache supply input. This input should
be connected to (driven by)
VDD_SOC_CAP. The external
capacitor used for VDD_SOC_CAP is
sufficient for this supply.
VDD_FA
B5
—
VDD_SNVS_CAP
G9
Secondary supply for the SNVS
(internal regulator output—requires
capacitor if internal regulator is used)
VDD_SNVS_IN
G11
Primary supply for the SNVS regulator
VDDARM_CAP
H13, J13, K13, L13, M13, N13, P13, R13
Secondary supply for the ARM0 and
ARM1 cores (internal regulator
output—requires capacitor if internal
regulator is used)
VDDARM_IN
H14, J14, K14, L14, M14, N14, P14, R14
Primary supply for the ARM0 and
ARM1 core regulator
VDDARM23_CAP
H11, J11, K11, L11, M11, N11, P11, R11
Secondary supply for the ARM2 and
ARM3 cores (internal regulator
output—requires capacitor if internal
regulator is used)
VDDARM23_IN
K9, L9, M9, N9, P9, R9, T9, U9
Primary supply for the ARM2 and
ARM3 core regulator
Table 95. 21 x 21 mm Supplies Contact Assignment (continued)
Supply Rail Name
Ball(s) Position(s)
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com