Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 149 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 149 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 145Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 146Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 147Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 148Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 149Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 150Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 151Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 152Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 153Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Memory
Z8 Encore! XP® F08xA Series
Product Specification
131
.
Flash Code Protection Using the Flash Controller
At Reset, the Flash Controller locks to prevent accidental program or erasure of the Flash
memory. To program or erase the Flash memory, first write the Page Select Register with
the target page. Unlock the Flash Controller by making two consecutive writes to the
Flash Control register with the values 73H and 8CH, sequentially. The Page Select Register
must be rewritten with the same page previously stored there. If the two Page Select writes
do not match, the controller reverts to a locked state. If the two writes match, the selected
page becomes active. See Figure 20 for details.
After unlocking a specific page, the user can enable either Page Program or Erase. Writing
the value 95H causes a Page Erase only if the active page resides in a sector that is not pro-
tected. Any other value written to the Flash Control register locks the Flash Controller.
Mass Erase is not allowed in the user code but only in through the Debug Port.
After unlocking a specific page, the user can also write to any byte on that page. After a
byte is written, the page remains unlocked, allowing for subsequent writes to other bytes
on the same page. Further writes to the Flash Control Register cause the active page to
revert to a locked state.
Sector Based Flash Protection
The final protection mechanism is implemented on a per-sector basis. The Flash memories
of Z8 Encore!® devices are divided into maximum number of 8 sectors. A sector is 1/8 of
the total size of the Flash memory, unless this value is smaller than the page size, in which
case the sector and page sizes are equal. On the Z8 Encore! XP® F08xA Series devices,
the sector size is 1024 bytes, equal to twice the page size.
The Sector Protect Register controls the protection state of each Flash sector. This register
is shared with the Page Select Register. It is accessed by writing 73H followed by 5EH to
the Flash controller. The next write to the Flash Control Register targets the Sector Protect
Register.
The Sector Protect Register is initialized to 0 on reset, putting each sector into an unpro-
tected state. When a bit in the Sector Protect Register is written to 1, the corresponding
Table 78. Flash Code Protection Using the Flash Option Bits
FHSWP
FWP
Flash Code Protection Description
0
0
Programming and erasing disabled for all of Flash Program
Memory. In user code programming, Page Erase, and Mass Erase
are all disabled. Mass Erase is available through the On-Chip
Debugger.
0 or 1
1
Programming, Page Erase, and Mass Erase are enabled for all of
Flash Program Memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com