Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 152 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 152 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 148Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 149Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 150Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 151Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 152Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 153Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 154Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 155Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 156Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Memory
Z8 Encore! XP® F08xA Series
Product Specification
134
Flash Control Register Definitions
Flash Control Register
The Flash Controller must be unlocked using the Flash Control register before program-
ming or erasing the Flash memory. Writing the sequence 73H 8CH, sequentially, to the
Flash Control register unlocks the Flash Controller. When the Flash Controller is
unlocked, the Flash memory can be enabled for Mass Erase or Page Erase by writing the
appropriate enable command to the FCTL. Page Erase applies only to the active page
selected in Flash Page Select register. Mass Erase is enabled only through the On-Chip
Debugger. Writing an invalid value or an invalid sequence returns the Flash Controller to
its locked state. The Write-only Flash Control Register shares its Register File address
with the read-only Flash Status Register
.
FCMD—Flash Command
73H = First unlock command.
8CH = Second unlock command.
95H = Page Erase command (must be third command in sequence to initiate Page Erase).
63H = Mass Erase command (must be third command in sequence to initiate Mass Erase).
5EH = Enable Flash Sector Protect Register Access
Flash Status Register
The Flash Status register indicates the current state of the Flash Controller. This register
can be read at any time. The read-only Flash Status Register shares its Register File
address with the Write-only Flash Control Register.
Table 79. Flash Control Register (FCTL)
BITS
7
6
5
4
3
2
1
0
FIELD
FCMD
RESET
0
000
00
00
R/W
WW
WW
WWW
W
ADDR
FF8H
Table 80. Flash Status Register (FSTAT)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
FSTAT
RESET
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com