Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 151 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 151 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 147Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 148Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 149Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 150Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 151Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 152Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 153Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 154Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 155Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Memory
Z8 Encore! XP® F08xA Series
Product Specification
133
Controller executes the Mass Erase operation, the eZ8 CPU idles but the system clock and
on-chip peripherals continue to operate. Using the On-Chip Debugger, poll the Flash Sta-
tus register to determine when the Mass Erase operation is complete. When the Mass
Erase is complete, the Flash Controller returns to its locked state.
Flash Controller Bypass
The Flash Controller can be bypassed and the control signals for the Flash memory
brought out to the GPIO pins. Bypassing the Flash Controller allows faster Row Program-
ming algorithms by controlling the Flash programming signals directly.
Row programing is recommended for gang programming applications and large volume
customers who do not require in-circuit initial programming of the Flash memory. Mass
Erase and Page Erase operations are also supported when the Flash Controller is bypassed.
Please refer to the document entitled Third-Party Flash Programming Support for Z8
Encore!® for more information about bypassing the Flash Controller. This document is
available for download at www.zilog.com.
Flash Controller Behavior in Debug Mode
The following changes in behavior of the Flash Controller occur when the Flash Control-
ler is accessed using the On-Chip Debugger:
• The Flash Write Protect option bit is ignored.
• The Flash Sector Protect register is ignored for programming and erase operations.
• Programming operations are not limited to the page selected in the Page Select
register.
• Bits in the Flash Sector Protect register can be written to one or zero.
• The second write of the Page Select register to unlock the Flash Controller is not
necessary.
• The Page Select register can be written when the Flash Controller is unlocked.
• The Mass Erase command is enabled through the Flash Control register.
For security reasons, flash controller allows only a single page to be opened for write/
erase. When writing multiple flash pages, the flash controller must go through the un-
lock sequence again to select another page.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com