Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 150 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 150 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 146Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 147Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 148Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 149Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 150Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 151Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 152Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 153Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 154Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Memory
Z8 Encore! XP® F08xA Series
Product Specification
132
sector can no longer be written or erased. After a bit of the Sector Protect Register has
been set, it can not be cleared except by powering down the device.
Byte Programming
The Flash Memory is enabled for byte programming after unlocking the Flash Controller
and successfully enabling either Mass Erase or Page Erase. When the Flash Controller is
unlocked and Mass Erase is successfully enabled, all Program Memory locations are
available for byte programming. In contrast, when the Flash Controller is unlocked and
Page Erase is successfully enabled, only the locations of the selected page are available for
byte programming. An erased Flash byte contains all 1’s (FFH). The programming opera-
tion can only be used to change bits from 1 to 0. To change a Flash bit (or multiple bits)
from 0 to 1 requires execution of either the Page Erase or Mass Erase commands.
Byte Programming can be accomplished using the On-Chip Debugger's Write Memory
command or eZ8 CPU execution of the LDC or LDCI instructions. Refer to the eZ8 CPU
User Manual (available for download at www.zilog.com)for a description of the LDC and
LDCI instructions. While the Flash Controller programs the Flash memory, the eZ8 CPU
idles but the system clock and on-chip peripherals continue to operate. To exit program-
ming mode and lock the Flash, write any value to the Flash Control register, except the
Mass Erase or Page Erase commands.
The byte at each address of the Flash memory cannot be programmed (any bits written
to 0) more than twice before an erase cycle occurs.
Page Erase
The Flash memory can be erased one page (512 bytes) at a time. Page Erasing the Flash
memory sets all bytes in that page to the value FFH. The Flash Page Select register identi-
fies the page to be erased. Only a page residing in an unprotected sector can be erased.
With the Flash Controller unlocked and the active page set, writing the value 95h to the
Flash Control register initiates the Page Erase operation. While the Flash Controller exe-
cutes the Page Erase operation, the eZ8 CPU idles but the system clock and on-chip
peripherals continue to operate. The eZ8 CPU resumes operation after the Page Erase
operation completes. If the Page Erase operation is performed using the On-Chip Debug-
ger, poll the Flash Status register to determine when the Page Erase operation is complete.
When the Page Erase is complete, the Flash Controller returns to its locked state.
Mass Erase
The Flash memory can also be Mass Erased using the Flash Controller, but only by using
the On-Chip Debugger. Mass Erasing the Flash memory sets all bytes to the value FFH.
With the Flash Controller unlocked and the Mass Erase successfully enabled, writing the
value 63H to the Flash Control register initiates the Mass Erase operation. While the Flash
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com