Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 184 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 184 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 180Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 181Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 182Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 183Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 184Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 185Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 186Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 187Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 188Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Crystal Oscillator
Z8 Encore! XP® F08xA Series
Product Specification
166
tal specifications are provided in Table 103. Resistor R1 is optional and limits total power
dissipation by the crystal. Printed circuit board layout must add no more than 4pF of stray
capacitance to either the XIN or XOUT pins. If oscillation does not occur, reduce the values
of capacitors C1 and C2 to decrease loading.
Figure 25.Recommended 20 MHz Crystal Oscillator Configuration
Table 103. Recommended Crystal Oscillator Specifications
Parameter
Value
Units
Comments
Frequency
20
MHz
Resonance
Parallel
Mode
Fundamental
Series Resistance (RS)
60
W
Maximum
Load Capacitance (CL)30
pF
Maximum
Shunt Capacitance (C0)
7
pF
Maximum
Drive Level
1
mW
Maximum
C2 = 39pF
C1 = 39pF
Crystal
XOUT
XIN
On-Chip Oscillator
R1 = 220
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com