Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 185 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 185 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 181Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 182Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 183Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 184Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 185Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 186Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 187Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 188Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 189Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Crystal Oscillator
Z8 Encore! XP® F08xA Series
Product Specification
167
Oscillator Operation with an External RC Network
Figure 26 illustrates a recommended configuration for connection with an external resis-
tor-capacitor (RC) network.
Figure 26.Connecting the On-Chip Oscillator to an External RC Network
An external resistance value of 45K
Ω is recommended for oscillator operation with an
external RC network. The minimum resistance value to ensure operation is 40K
Ω. The
typical oscillator frequency can be estimated from the values of the resistor (R in K
Ω) and
capacitor (C in pF) elements using the following equation:
Figure 27 illustrates the typical (3.3V and 250C) oscillator frequency as a function of the
capacitor (C in pF) employed in the RC network assuming a 45K
Ω external resistor. For
very small values of C, the parasitic capacitance of the oscillator XIN pin and the printed
circuit board should be included in the estimation of the oscillator frequency.
It is possible to operate the RC oscillator using only the parasitic capacitance of the pack-
age and printed circuit board. To minimize sensitivity to external parasitics, external
capacitance values in excess of 20pF are recommended.
C
XIN
R
VDD
Oscillator Frequency (kHz)
1
6
×10
0.4
RC
×
×
()
4
C
×
()
+
----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com