Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 189 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 189 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 185Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 186Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 187Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 188Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 189Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 190Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 191Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 192Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 193Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
eZ8 CPU Instruction Set
Z8 Encore! XP® F08xA Series
Product Specification
171
Assembly Language Syntax
For proper instruction execution, eZ8 CPU assembly language syntax requires that the
operands be written as ‘destination, source’. After assembly, the object code usually has
the operands in the order ’source, destination’, but ordering is opcode-dependent. The fol-
lowing instruction examples illustrate the format of some basic assembly instructions and
the resulting object code produced by the assembler. This binary format must be followed
by users that prefer manual program coding or intend to implement their own assembler.
Example 1: If the contents of Registers 43H and 08H are added and the result is stored in
43H, the assembly syntax and resulting object code is:
Example 2: In general, when an instruction format requires an 8-bit register address, that
address can specify any register location in the range 0–255 or, using Escaped Mode
Addressing, a Working Register R0–R15. If the contents of Register 43H and Working
Register R8 are added and the result is stored in 43H, the assembly syntax and resulting
object code is:
See the device-specific Product Specification to determine the exact register file range
available. The register file size varies, depending on the device type.
eZ8 CPU Instruction Notation
In the eZ8 CPU Instruction Summary and Description sections, the operands, condition
codes, status flags, and address modes are represented by a notational shorthand that is
described in Table 106
Table 104. Assembly Language Syntax Example 1
Assembly Language Code
ADD
43H,
08H
(ADD dst, src)
Object Code
04
08
43
(OPC src, dst)
Table 105. Assembly Language Syntax Example 2
Assembly Language Code
ADD
43H,
R8
(ADD dst, src)
Object Code
04
E8
43
(OPC src, dst)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com