Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 190 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 190 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 186Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 187Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 188Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 189Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 190Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 191Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 192Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 193Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 194Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
eZ8 CPU Instruction Set
Z8 Encore! XP® F08xA Series
Product Specification
172
.
Table 107 contains additional symbols that are used throughout the Instruction Summary
and Instruction Set Description sections.
Table 106. Notational Shorthand
Notation
Description
Operand
Range
b
Bit
b
b represents a value from 0 to 7 (000B to 111B).
cc
Condition Code
—
See Condition Codes overview in the eZ8 CPU
User Manual.
DA
Direct Address
Addrs
Addrs. represents a number in the range of
0000H to FFFFH
ER
Extended Addressing Register
Reg
Reg. represents a number in the range of 000H to
FFFH
IM
Immediate Data
#Data
Data is a number between 00H to FFH
Ir
Indirect Working Register
@Rn
n = 0 –15
IR
Indirect Register
@Reg
Reg. represents a number in the range of 00H to
FFH
Irr
Indirect Working Register Pair
@RRp
p = 0, 2, 4, 6, 8, 10, 12, or 14
IRR
Indirect Register Pair
@Reg
Reg. represents an even number in the range
00H to FEH
p
Polarity
p
Polarity is a single bit binary value of either 0B or
1B.
r
Working Register
Rn
n = 0 – 15
R
Register
Reg
Reg. represents a number in the range of 00H to
FFH
RA
Relative Address
X
X represents an index in the range of +127 to –
128 which is an offset relative to the address of
the next instruction
rr
Working Register Pair
RRp
p = 0, 2, 4, 6, 8, 10, 12, or 14
RR
Register Pair
Reg
Reg. represents an even number in the range of
00H to FEH
Vector
Vector Address
Vector
Vector represents a number in the range of 00H
to FFH
X
Indexed
#Index
The register or register pair to be indexed is offset
by the signed Index value (#Index) in a +127 to
-128 range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com