Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 187 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 187 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 183Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 184Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 185Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 186Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 187Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 188Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 189Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 190Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 191Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Internal Precision Oscillator
Z8 Encore! XP® F08xA Series
Product Specification
169
Internal Precision Oscillator
Overview
The Internal Precision Oscillator (IPO) is designed for use without external components.
The user can either manually trim the oscillator for a non-standard frequency or use the
automatic factory-trimmed version to achieve a 5.53MHz frequency. IPO features include:
• On-chip RC oscillator that does not require external components
• Output frequency of either 5.53MHz or 32.8KHz (contains both a fast and a slow mode)
• Trimming possible through Flash option bits with user override
• Elimination of crystals or ceramic resonators in applications where high timing accuracy
is not required.
Operation
The internal oscillator is an RC relaxation oscillator that has had its sensitivity to power
supply variation minimized. By using ratio tracking thresholds, the effect of power supply
voltage is cancelled out. The dominant source of oscillator error is the absolute variance of
chip level fabricated components, such as capacitors. An 8-bit trimming register, incorpo-
rated into the design, compensates for absolute variation of oscillator frequency. Once
trimmed the oscillator frequency is stable and does not require subsequent calibration.
Trimming was performed during manufacturing and is not necessary for the user to repeat
unless a frequency other than 5.53MHz (fast mode) or 32.8kHz (slow mode) is required.
Power down this block for minimum system power.
By default, the oscillator is configured through the Flash Option bits. However, the user
code can override these trim values as described in “Trim Bit Address Space” on
page 142.
Select one of two frequencies for the oscillator: 5.53MHz and 32.8KHz, using the OSC-
SEL bits in the “Oscillator Control” on page 160.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com