Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 186 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 186 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 182Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 183Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 184Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 185Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 186Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 187Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 188Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 189Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 190Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Crystal Oscillator
Z8 Encore! XP® F08xA Series
Product Specification
168
Figure 27.Typical RC Oscillator Frequency as a Function of the External Capacitance with a
45KOhm Resistor
When using the external RC oscillator mode, the oscillator can stop oscil-
lating if the power supply drops below 2.7V, but before the power supply
drops to the voltage brown-out threshold. The oscillator resumes oscilla-
tion when the supply voltage exceeds 2.7V.
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
3250
3500
3750
4000
0
20
40
60
80
100 120 140 160 180 200 220 240 260 280 300 320 340 360 380 400 420 440 460 480 500
C (pF)
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com