Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4134 Datasheet HTML 28Page - Analog Devices AD4134 Datasheet HTML 29Page - Analog Devices AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices AD4134 Datasheet HTML 35Page - Analog Devices AD4134 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Data Sheet
AD4134
NOISE PERFORMANCE AND RESOLUTION
analog.com
Rev. 0 | 32 of 92
Table 9 to Table 16 contain the data of the noise performance for
the wideband 0.433 × ODR filter, wideband 0.10825 × ODR filter,
sinc6 filter, and the sinc3 digital filter of the AD4134 for various
output data rates and channel averaging settings. The noise values
and dynamic range specified are typical for the bipolar input range
with an external 4.096 V reference (VREF).
The rms noise is measured with shorted analog inputs. The dynam-
ic range is calculated as
Dynamic Range (dB) = 20log10((2 × VREF/2√2)/(RMS Noise)
The LSB size is calculated as follows:
LSB Size = (2 × VREF)/224
where LSB Size is 488 nV with a 4.096 V reference.
Table 9. Wideband 0.433 × ODR Filter, High Performance Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth (kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
374
161.94
107.21
12.63
110.46
8.68
113.46
6.15
325
140.73
108.09
11.41
111.21
7.96
114.25
5.61
285
123.41
108.65
10.69
111.81
7.43
114.8
5.27
256
110.85
109.21
10.03
112.5
6.87
115.26
4.99
235
101.76
109.71
9.47
112.79
6.63
115.85
4.67
200
86.60
110.58
8.57
113.63
6.02
116.57
4.29
175
75.78
111.12
8.05
114.27
5.6
117.25
3.97
128
55.42
112.72
6.70
115.66
4.77
118.68
3.37
100
43.30
113.71
5.97
116.81
4.17
119.83
2.95
80
34.64
114.80
5.27
117.9
3.68
120.78
2.64
64
27.71
115.83
4.68
118.87
3.29
121.87
2.33
32
13.86
118.91
3.28
121.82
2.34
124.89
1.65
16
6.93
121.94
2.32
124.81
1.66
127.8
1.17
10
4.33
123.80
1.87
126.67
1.34
129.76
0.94
5
2.17
126.68
1.34
129.55
0.96
132.34
0.69
2.5
1.08
129.36
0.99
132.32
0.7
135.08
0.51
Table 10. Wideband 0.433 × ODR Filter, Low Power Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth (kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
374
161.94
100.42
27.61
103.41
19.55
106.33
13.96
325
140.73
102.03
22.93
105.04
16.21
107.96
11.57
285
123.41
103.21
20.01
106.37
13.9
109.21
10.03
256
110.85
104.08
18.10
107.12
12.75
110.12
9.03
235
101.76
104.67
16.91
107.89
11.68
110.64
8.50
200
86.60
105.80
14.85
108.97
10.31
111.76
7.47
175
75.78
106.64
13.48
109.79
9.37
112.55
6.82
128
55.42
108.29
11.15
111.32
7.87
114.31
5.57
100
43.30
109.49
9.71
112.55
6.83
115.51
4.85
80
34.64
110.58
8.57
113.54
6.09
116.47
4.34
64
27.71
111.63
7.59
114.68
5.34
117.61
3.81
32
13.86
114.72
5.32
117.75
3.75
120.64
2.68
16
6.93
117.69
3.78
120.78
2.64
123.71
1.88
10
4.33
119.73
2.99
122.72
2.11
125.76
1.49
5
2.17
122.79
2.10
125.66
1.50
128.61
1.07
2.5
1.08
125.64
1.51
128.58
1.07
131.48
0.77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com