Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 62 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Data Sheet
AD4134
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 62 of 92
Figure 104. Fully Differential Amplifier with Single Supply
Single-Ended or Pseudo Differential Input with
High Source Impedance
The single-ended or pseudo differential input signals must be con-
verted into fully differential signals before driving into the AD4134.
All the circuit examples given in the Front-End Design Examples
section for interfacing with differential signals can work with interfac-
ing with single-ended or pseudo differential signals. Connect the
second input to signal ground or a common-mode voltage source.
A number of other circuits can be used to perform single-ended to
differential conversions.
Instrumentation Amplifier with Fully
Differential Output
The typical application diagram (see Figure 94) shows the wide-
band programmable gain amplifier, LTC6373, connected to the
AD4134. The circuit configuration in Figure 94 is suitable for single-
ended input signals, high common-mode range, and very low input
current offering programmable gain.
Instrumentation Amplifier with Single-Ended to
Differential Output Conversion
The circuit configuration in Figure 105 is suitable for single-ended
input signal, high common-mode range, and low input current
suitable for a high impedance source for gain ≥ 1.
Figure 105. Instrumentation Amplifier in Differential Output Configuration
Precision Dual Amplifier
The circuit in Figure 106 is suitable for a high impedance source,
which can add gain or attenuation. Example operational amplifiers
are the ADA4941-1, LT6350, ADA4805-2, and ADA4075-2.
Figure 106. Dual Operation Amplifier Configuration
Operational Amplifier and Fully Differential
Amplifier
The circuit in Figure 107 is a low input bias operational amplifier
with a fully differential amplifier, like the ADA4945-1, is suitable for
high impedance sources. The fully differential amplifier circuit can
add gain or attenuation.
Figure 107. Op Amp and Fully Differential Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com