Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4134 Datasheet HTML 2Page - Analog Devices AD4134 Datasheet HTML 3Page - Analog Devices AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 92
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL FILTER RESPONSE
Low Ripple Wideband
Group Delay
39.8/ODR
Sec
Settling Time
79.6/ODR
Sec
Pass-Band Ripple
32
µdB
Pass-Band Frequency (fPASS)
Wideband 0.433 × ODR Filter
±32 µdB pass band
0.4 × ODR
Hz
−0.1 dB pass band
0.401 × ODR
Hz
−3 dB bandwidth
0.433 × ODR
Hz
Wideband 0.10825 × ODR Filter ±32 µdB pass band
0.1 × ODR
Hz
−0.1 dB pass band
0.101 × ODR
Hz
−3 dB bandwidth
0.10825 ×
ODR
Hz
Stop Band Frequency (fSTOP)
Wideband 0.433 × ODR Filter
0.499 × ODR
Hz
Wideband 0.10825 × ODR Filter
0.2 × ODR
Hz
Stop Band Attenuation
110
dB
Sinc6
Group Delay
3.25/ODR
Settling Time
6.5/ODR
Pass Band
−3 dB bandwidth
0.1861 ×
ODR
Sec
Sinc3
Group Delay (GD)
Latency
1.75/ODR
Sec
Settling Time
Complete settling
3.5/ODR
Sec
Pass Band
−3 dB bandwidth
0.2617 ×
ODR
Sec
Attenuation
At 50 Hz
50 SPS, 50 Hz ± 1 Hz
102
dB
At 60 Hz
60 SPS, 60 Hz ± 1 Hz
106
dB
At 50 Hz, 60 Hz
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
102
dB
At 50 Hz, 60 Hz
50 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz, sinc3 rejection,
and 50 Hz/60 Hz rejection filter1
67
dB
COMBINED RESPONSE
Overall Group Delay
Sinc3 filter, slave gated mode
7/ODR
Sec
Sinc6 filter, slave gated mode
9.5/ODR
Sec
REJECTION
High performance mode
Power Supply Rejection Ratio
DC
AVDD5
97.1
dB
DVDD5
78.5
dB
AVDD1V8
85.5
dB
DVDD1V8
100
dB
IOVDD
101
dB
LDOIN
119.2
dB
CLKVDD
61.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com