Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Data Sheet
AD4134
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 13 of 92
Table 6.
Parameter
Rating
AVDD5 to AGND5
−0.3 V to +6 V
DVDD5 to DGND5
−0.3 V to +6 V
AVDD1V8 to AGND1V8
−0.3 V to 2.2 V or LDOIN + 0.3 V
(whichever is lower)
DVDD1V8 to DGND1V8
−0.3 V to 2.2 V or LDOIN + 0.3 V
(whichever is lower)
CLKVDD to CLKGND
−0.3 V to 2.2 V or LDOIN + 0.3 V
(whichever is lower)
IOVDD to IOGND
−0.3 V to +2.2 V
DGND5 to AGND5
−0.3 V to +0.3 V
AGND1V8 to AGND5
−0.3 V to +0.3 V
DGND1V8 to AGND5
−0.3 V to +0.3 V
IOGND to AGND5
−0.3 V to +0.3 V
CLKGND to AGND5
−0.3 V to +0.3 V
LDOIN to AGND5
AVDD1V8 − 0.3 V to 6 V
AINx± Inputs to AGND5
−1 V to AVDD5 + 0.3 V
REFIN to AGND5
−0.3 V to AVDD5 + 0.3 V
REFCAP to AGND5
−0.3 V to AVDD5 + 0.3 V
REFGND to AGND5
−0.3 V to +0.3 V
Digital I/O Pins to IOGND
−0.3 V to IOVDD + 0.3 V
XCLKOUT, XTAL2/CLKIN, and XTAL1 to
CLKGND
−0.3 V to CLKVDD + 0.3 V
Operating Ambient Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Pb-Free Temperature, Soldering Reflow
(10 sec to 30 sec)
260°C
Junction Temperature
150°C
Package Classification Temperature
260°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only, functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case thermal resistance.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-56-9
2S2P or 1S Test Board
371
5.42
°C/W
2S2P Test Board with 36 Thermal Vias
273
N/A4
°C/W
1 Simulated data based on a JEDEC 2S2P test board in a JEDEC natural
convection environment.
2 Simulated data based on a JEDEC 1S test board, measured at the exposed
pad with a cold plate mounted directly to the package surface.
3 Simulated data based on a JEDEC 2S2P test board with 36 thermal vias in a
JEDEC natural convection environment.
4 N/A means not applicable.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com