Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices AD4134 Datasheet HTML 18Page - Analog Devices AD4134 Datasheet HTML 19Page - Analog Devices AD4134 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Data Sheet
AD4134
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 16 of 92
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
27
AGND5
GND
Ground Reference for Analog Supply Voltage, 5 V.
28
DNC
DNC
Do Not Connect. Do not connect to this pin.
29
AIN0+
AI
Positive Analog Input to ADC Channel 0.
30
AIN0−
AI
Negative Analog Input to ADC Channel 0.
31
AGND5
GND
Ground Reference for Analog Supply Voltage, 5 V.
32
AIN1+
AI
Positive Analog Input to ADC Channel 1.
33
AIN1−
AI
Negative Analog Input to ADC Channel 1.
34
VCM
AO
Common-Mode Voltage Output. The VCM output can be used to provide a common-mode voltage for the analog
front-end circuit. The VCM pin provides a buffered voltage output. The level is fixed to 1/2 of the voltage on the
REFCAP pin in pin control mode, and is programmable in SPI control mode. When driving capacitive loads larger
than 0.2 nF, it is recommended to place a 50 Ω series resistor between the pin and the capacitive load for stability.
35
REFIN
AI
ADC Reference Filter Input. Use an internal 20 Ω resistor together with an external capacitor on the REFCAP pin to
filter the reference source noise.
36
REFCAP
AO
ADC Reference Direct Input. Connect this pin to the external reference source for a direct reference input.
Alternatively, connect the reference source to the REFIN pin and place a filter capacitor between the REFCAP pin
and REFGND pin to limit the reference noise bandwidth. See the Reference Input section for more details.
37
REFGND
GND
ADC Reference Ground Reference.
38
AIN2+
AI
Positive Analog Input to ADC Channel 2.
39
AIN2−
AI
Negative Analog Input to ADC Channel 2.
40
AGND5
GND
Ground Reference for Analog Supply Voltage, 5 V.
41
AIN3+
AI
Positive Analog Input to ADC Channel 3.
42
AIN3−
AI
Negative Analog Input to ADC Channel 3.
43
CLKGND
GND
Clock Management Circuit Ground Reference.
44
CLKVDD
P
Clock Management Circuit Power Supply, 1.8 V. This pin is supplied from an external source or internal LDO
regulator. In either case, a decoupling capacitor of 2.2 µF is required between the CLKVDD pin and CLKGND pin.
45
XTAL2/CLKIN
DI
Input 2 for Internal Crystal Oscillator (XTAL2). Connect an external crystal between the XTAL1 pin and XTAL2/
CLKIN pin for on-chip clock generation.
Clock Input (CLKIN). For operations using an external clock signal, connect this pin to the external clock source.
See the Clock Input section for more details.
46
XTAL1
DI
Input 1 for Internal Crystal Oscillator. Connect an external crystal between the XTAL1 pin and XTAL2/CLKIN pin
for on-chip clock generation. Leave this pin floating if the device is to operate from a single-ended external clock
signal.
47
CLKSEL
DI
Clock Source Selection Input. Connect this pin to IOVDD to enable on-chip clock generation from an external
crystal. Connect this pin to IOGND if the clock signal is provided externally on the XTAL2/CLKIN pin.
48
XCLKOUT
DO
Crystal Oscillator Buffered Output. A buffered clock signal generated by the internal crystal oscillator is available
on this pin. This signal can be used to drive other AD4134 devices working in parallel. The XCLKOUT output is
enabled by default in pin control mode only if the crystal clock option is selected. The XCLKOUT output is disabled
by default in SPI control mode. See the XCLKOUT Output section for more details.
49
PIN/SPI
DI
Device Configuration Mode Control Input. Tie this pin to IOVDD to enable device configuration through register
access over the SPI. Tie this pin to ground to enable device configuration through the configuration input pins.
50
MODE
DI
ASRC Mode Of Operation Control Input. Tie this pin to IOVDD for master mode operation. Tie this pin to IOGND for
slave mode operation.
51
DCLKRATE0/GPIO0
DI/O
DCLK Frequency Control Input 0 in Pin Control Mode (DCLKRATE0). When DCLK is configured as an output, tie
this pin to IOVDD or to IOGND to set the frequency ratio between DCLK and the device master clock. See Table 30
for more details.
General-Purpose Input/Output 0 in SPI Control Mode (GPIO0).
52
DCLKRATE1/GPIO1
DI/O
DCLK Frequency Control Input 1 in Pin Control Mode (DCLKRATE1). When DCLK is configured as an output, tie
this pin to IOVDD or to IOGND to set the frequency ratio between DCLK and the device master clock. See Table 30
for more details.
General-Purpose Input/Output 1 in SPI Control Mode (GPIO1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com