Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 73 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD4134 Datasheet HTML 69Page - Analog Devices AD4134 Datasheet HTML 70Page - Analog Devices AD4134 Datasheet HTML 71Page - Analog Devices AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices AD4134 Datasheet HTML 74Page - Analog Devices AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Data Sheet
AD4134
GPIO FUNCTIONALITY
analog.com
Rev. 0 | 73 of 92
The AD4134 has additional GPIO functionality when operated in
SPI control mode. This fully configurable mode allows the device
to operate eight GPIOs, thus making the AD4134 work as an
SPI-based GPIO expander. The GPIO pins can be set as inputs or
outputs (read or write) on a per pin basis.
In write mode, these GPIO pins can be used to control other circuits
such as switches, amplifiers, multiplexers, and buffers over the
same SPI as the AD4134. Sharing the SPI in this way allows the
user to use a lower overall number of data lines from the controller,
compared to a system where multiple control signals are required.
This sharing is especially useful in systems where reducing the
number of control lines across an isolation barrier is important.
Similarly, a GPIO read is a useful feature because it allows a
peripheral device to send information to the input GPIO and then
this information can be read from the SPI of the AD4134.
The GPIO pins can be used as general-purpose inputs or outputs.
The GPIO_DIR_CTRL register configures the individual pin as an
input or output. The GPIO_DATA register reflects the status of the
pins when configured as inputs or the user can write to this register
to set the pins when configured as outputs (see Figure 126).
PIN ERROR REPORTING
Additionally, GPIO7 can be used as an output to report any of the
diagnostic errors by enabling Bit ERR_PIN_OUT_EN. Register ER-
ROR_PIN_SRC_CONTROL controls the type of errors that can be
reported on this pin. If multiple types are selected, the output is a
logical OR of all the selected errors.
GPIO6 can be used as an error input from any other device by
enabling the ERR_PIN_IN_EN bit. The status of this bit can be read
using the ERR_PIN_IN_STATUS bit.
The GPIO7 output is a logical OR of all the selected er-
rors, as per the ERROR_PIN_SRC_CONTROL register and the
ERR_PIN_IN_STATUS bit.
Figure 126. AD4134 as SPI GPIO Expander



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com