Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices AD4134 Datasheet HTML 18Page - Analog Devices AD4134 Datasheet HTML 19Page - Analog Devices AD4134 Datasheet HTML 20Page - Analog Devices AD4134 Datasheet HTML 21Page - Analog Devices AD4134 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Data Sheet
AD4134
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 18 of 92
VREF = 4.096 V, AA1 mode, VCM = 2.048 V, wideband 0.433 × ODR filter. High performance mode plots are at ODR = 374 kSPS and low power
mode plots are at ODR = 187 kSPS. Sinc3 and sinc6 plots are at ODR = 1496 kSPS, unless otherwise noted.
Figure 6. Dynamic Range Performance, High Performance Mode, Wideband
0.433 × ODR Filter, ODR = 374 kSPS
Figure 7. Dynamic Range vs. Output Data Rate in High Performance Mode for
Wideband FIR, Sinc3 and Sinc6 Filters
Figure 8. Dynamic Range vs. Input Bandwidth, Wideband 0.433 × ODR Filter
Figure 9. FFT, High Performance Mode, −0.5 dBFS, Wideband 0.433 × ODR
Filter, ODR = 374 kSPS
Figure 10. FFT, High Performance Mode, Sinc6 Filter, −0.5 dBFS, ODR = 1496
kSPS
Figure 11. FFT, High Performance Mode, Sinc3 Filter, −0.5 dBFS, ODR = 1496
kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com