Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices AD4134 Datasheet HTML 18Page - Analog Devices AD4134 Datasheet HTML 19Page - Analog Devices AD4134 Datasheet HTML 20Page - Analog Devices AD4134 Datasheet HTML 21Page - Analog Devices AD4134 Datasheet HTML 22Page - Analog Devices AD4134 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
Data Sheet
AD4134
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 19 of 92
Figure 12. FFT, Low Power Mode, Wideband 0.433 × ODR Filter, −0.5 dBFS,
ODR = 187 kSPS
Figure 13. FFT, Low Power Mode, Sinc6 Filter, −0.5 dBFS
Figure 14. FFT, Low Power Mode, Sinc3 Filter, −0.5 dBFS
Figure 15. IMD with Input Signals at 9.7 kHz and 10.3 kHz, Wideband 0.433 ×
ODR Filter
Figure 16. Power per Channel vs. Output Data Rate
Figure 17. Supply Current vs. Temperature, Wideband 0.433 × ODR Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com