Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 3 Page - Analog Devices

  AD4134 Datasheet HTML 1Page - Analog Devices AD4134 Datasheet HTML 2Page - Analog Devices AD4134 Datasheet HTML 3Page - Analog Devices AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
Data Sheet
AD4134
GENERAL DESCRIPTION
analog.com
Rev. 0 | 3 of 92
The AD4134 is a quad channel, low noise, simultaneous sampling,
precision analog-to-digital converter (ADC) that delivers on func-
tionality, performance, and ease of use.
Based on the continuous time sigma-delta (CTSD) modulation
scheme, the AD4134 removes the traditionally required switched
capacitor circuitry sampling preceding the Σ-Δ modulator, which
leads to a relaxation of the ADC input driving requirement. The
CTSD architecture also inherently rejects signals around the ADC
aliasing frequency band, giving the device its inherent antialiasing
capability, and removes the need for a complex external antialiasing
filter.
The AD4134 has four independent converter channels in parallel,
each with a CTSD modulator and a digital decimation and filtering
path. The AD4134 enables simultaneous sampling of four separate
signal sources, each supporting a maximum input bandwidth of
391.5 kHz and achieving tight phase matching between these
four signal measurements. The high level of channel integration,
together with its simplified analog front-end requirement, enables
the AD4134 to provide a high density multichannel data acquisition
solution in a small form factor.
The signal chain simplification property of the AD4134 also im-
proves the system level performance through the reduction of
noise, error, mismatch, and distortion that is normally introduced by
the analog front-end circuitry.
The AD4134 offers excellent dc and ac performance. The band-
width of each ADC channel ranges from dc to 391.5 kHz, making
the device an ideal candidate for universal precision data acquisi-
tion solutions supporting a breadth of sensor types, from tempera-
ture and pressure to vibration and shock.
The AD4134 offers a large number of features and configuration
options, giving the user the flexibility to achieve the optimal balance
between bandwidth, noise, accuracy, and power for a given applica-
tion.
An integrated asynchronous sample rate converter (ASRC) allows
the AD4134 to precisely control the decimation ratio and, in turn,
the output data rate (ODR) using interpolation and resampling tech-
niques. The AD4134 supports a wide range of ODR frequencies,
from 0.01 kSPS to 1496 kSPS with less than 0.01 SPS adjustment
resolution, allowing the user to granularly vary sampling speed
to achieve coherent sampling. The ODR value can be control-
led through the ODR_VAL_INT_x and ODR_VAL_FLT_x registers
(Register 0x16 to Register 0x1C, ASRC master mode), or using an
external clock source (ASRC slave mode). The ASRC slave mode
operation enables synchronous sampling between multiple AD4134
devices to a single system clock. The ASRC simplifies the clock
distribution requirement within a medium bandwidth data acquisition
system because it no longer requires a high frequency, low jitter
master clock from the digital back end to be routed to each ADC.
The ASRC acts as a digital filter and decimates the oversampled
data from the Σ-Δ modulator to a lower rate to favor higher preci-
sion. The ADC data is then further processed by one of the AD4134
user-selectable digital filter profiles to further reject the out of band
signals and noises, and reduce the data rate to the final desired
ODR value.
The AD4134 offers three main digital filter profile options: a wide-
band low ripple filter with a brick wall frequency profile and an ODR
range from 2.5 kSPS to 374 kSPS that is suitable for frequency
domain analysis, a fast responding sinc3 filter with an ODR range
from 0.01 kSPS to 1496 kSPS that is suitable for low latency time
domain analysis and low frequency high dynamic range input types,
and a balanced sinc6 filter with an ODR range from 2.5 kSPS
to 1.496 MSPS, offering optimal noise performance and response
time.
The AD4134 is also capable of performing on-board averaging
between two or four of its input channels. The result is a near
3 dB, if two channels are combined, or 6 dB, if all four channels
are combined, improvement in dynamic range while maintaining the
bandwidth.
The AD4134 supports two device configuration schemes: serial pe-
ripheral interface (SPI) and hardware pin configuration (pin control
mode). The SPI control mode offers access to all the features and
configuration options available on the AD4134. SPI control mode
also enables access to the on-board diagnostic features designed
to enable a robust system design. Pin control mode offers the
benefit of simplifying the device configuration, enabling the device
to operate autonomously after power-up operating in a standalone
mode.
In addition to the optional SPI, the AD4134 has a flexible and
independent data interface for transmitting the ADC output data.
The data interface can act as either a bus master or a slave with
various clocking options to support multiple communication bus
protocols. The data interface also supports daisy-chaining and an
optional minimum input/output (I/O) mode designed to minimize the
number of digital isolator channels required in isolated applications.
The AD4134 has an operating ambient temperature range from
−40°C to 105°C. The device is housed in an 8 mm × 8 mm, 56-lead
lead frame chip scale package (LFCSP).
Note that throughout this data sheet, multifunction pins, such as
FORMAT1/SCLK, are referred to either by the entire pin name or
by a single function of the pin, for example, SCLK, when only that
function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com