Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 65 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices AD4134 Datasheet HTML 68Page - Analog Devices AD4134 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Data Sheet
AD4134
DIGITAL INTERFACE
analog.com
Rev. 0 | 65 of 92
DATA INTERFACE
The AD4134 has a flexible data interface designed to support the
different digital host types and applications requirements.
The AD4134 can act as the data interface master or slave. The
data interface supports both gated and free running clock signals,
parallel or serial output data steaming modes, and daisy-chain
configuration.
The data interface consists of three signal types: clock, data, and
data framing signal.
Data Interface Clock
The AD4134 supports both gated and free running DCLK signals.
The ADC output data is clocked out on the DCLK rising edge.
Figure 114. DCLK Edges
DCLK is a bidirectional pin. The AD4134 can act as an interface
master and generate the DCLK signal, or act as an interface slave
and clock out data based on a received DCLK signal.
When the DCLK pin is configured as an output, the user can
choose the DCLK output frequency through the DATA_ PACK-
ET_CONFIG register or configuration of the DCLKRATEx/GPIOx
pins in pin control mode.
Refer to the Programming Output Data Rate and Clock section for
more information on how to configure the DCLK frequency.
Data Bus
The ADC output data appears on the DOUTx pins. Each AD4134
device has four data output pins: DOUT0, DOUT1, DOUT2, and
DOUT3. The user has the option to parallel output the ADC conver-
sion result on the four DOUTx pins or to serialize the data from
multiple channels and output them using one or two of the DOUTx
pins.
Parallel output configuration allows a high data rate at a low DCLK
frequency. A serialized output configuration requires fewer I/Os
from the digital host and can reduce the number of digital isolator
channels required in an isolation application. The daisy-chain mode
is available only with a serialized output configuration.
Data Framing Signal
The ODR control signal is dual purposed to act as the framing
signal for the AD4134 data interface.
The ODR pin is bidirectional with its signal direction dependent on
the ASRC mode of operation.
The output data can be driven out with respect to the ODR falling or
rising edge depending on the mode of DCLK used.
Choosing the Data Interface Mode of Operation
The direction of the ODR signal depends on the choice of the
ASRC mode of operation. See the Asynchronous Sample Rate
Converter section for more information on the ASRC.
Data Interface Status and CRC Header
The user has the option to append a byte width header to each
output data sample for additional status information and/or error
checking. The header consists of 6-bit CRC code with two status
bits, as shown in Table 36.
Table 36. Details of the Header
Bit
Bit Description
7
No Chip error
6
Filter settled and PLL locked
[5:0]
6-bit CRC
Bit 7 is cleared if an error is detected by the on-chip diagnostic
circuitry of the AD4134. See the Diagnostics section for more
details of the diagnostic features of the device.
Bit 6 is set if the digital filter on the corresponding channel is fully
settled and, when operating in ASRC slave mode, the PLL is locked
after an ODR input frequency change.
The data sample value does not reflect the correct conversion
result when Bit 6 of the header has a value of zero.
Data CRC Calculation
The CRC is calculated with the polynomial and initial seed value as
shown in Table 37.
Table 37. Data CRC Calculation
CRC Mode
Polynomial
Default Seed Value
CRC-6
x6 + x5 + x2 + x + 1
0x25
Alternative CRC Mode of Operation
The AD4134 uses a linear feedback shift register (LFSR) to calcu-
late the CRC. In pin control mode and in SPI control mode, by
default, the LFSR is reset after each data sample with the default
seed value (see Figure 115). In SPI control mode, the user has
the option to alter the LFSR resetting behavior. Configure CRC_
POLY_RST_SEL to 1 to disable the reset of the LFSR after each
sample, making the current CRC result in the seed value of the next
calculation. This mode allows the processor-based digital host to
check the CRC less frequently and still be able to detect an error in
the bit transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com