Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 17 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices AD4134 Datasheet HTML 18Page - Analog Devices AD4134 Datasheet HTML 19Page - Analog Devices AD4134 Datasheet HTML 20Page - Analog Devices AD4134 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Data Sheet
AD4134
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 17 of 92
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
53
DCLKRATE2/GPIO2
DI/O
DCLK Frequency Control Input 2 in Pin Control Mode (DCLKRATE2). When DCLK is configured as an output, tie
this pin to IOVDD or to IOGND to set the frequency ratio between DCLK and the device master clock. See Table 30
for more details.
General-Purpose Input/Output 2 in SPI Control Mode (GPIO2).
54
RESET
DI
Hardware Asynchronous Reset Input, Active Low. Pull this pin to IOVDD through a 10 kΩ pull-up resistor during
normal operation. Pull this pin low to IOGND to force the device into reset. See the Reset section for more details.
55
PDN
DI
Full Power-Down Mode Control Input, Active Low. Pull this pin to IOVDD through a 10 kΩ pull-up resistor during
normal operation. Pull this pin to IOGND to force the device into full power-down mode. See the Power Modes
section for more details.
56
PWRMODE/GPIO3
DI/O
Power Mode Selection Input in Pin Control Mode (PWRMODE). Tie this pin to IOVDD for high performance mode.
Tie this pin to IOGND for low power mode.
General-Purpose Input/Output 3 in SPI Control Mode (GPIO3).
EPAD
Exposed Pad. Connect the exposed pad to AGND5.
1 DI is digital input, DI/O is bidirectional digital input/output, DO is digital output, P is power, GND is ground, DNC is do not connect, AI is analog input, and AO is analog
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com