Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4134 Datasheet HTML 26Page - Analog Devices AD4134 Datasheet HTML 27Page - Analog Devices AD4134 Datasheet HTML 28Page - Analog Devices AD4134 Datasheet HTML 29Page - Analog Devices AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Data Sheet
AD4134
THEORY OF OPERATION
analog.com
Rev. 0 | 30 of 92
Similarly, due to the continuous time DAC used in the modulator
feedback loop, the AD4134 reference input also has a constant
resistive input characteristic, making it possible to drive the ADC
reference input directly with a voltage reference IC.
INHERENT ANTIALIASING FILTER (AAF)
When sampling an analog sinusoid signal at less than twice of its
frequency, reconstruction through interpolation results in a lower
frequency signal than the original. This phenomenon is known as
aliasing. Figure 61 shows an example of signal aliasing viewed
in both the time and frequency domains. The example shows the
digital discrete time representations of a 3 kHz, 17 kHz, and 23
kHz signal sampled at 20 kHz are identical. When interpolating the
result, the output is always a 3 kHz sine wave, which means that, in
this sampling system, the frequency component of the input signal
at 17 kHz and 23 kHz appear at 3 kHz in the output.
The aliasing occurs at the point of sampling of the analog signal.
The only way to guarantee the matching between input and out-
put signal frequency is to limit the input signal bandwidth before
sampling. In the previous example of the frequency component
input signal, if the signal is low-pass filtered with a bandwidth of
10 kHz, the interpolated output always matches the filtered input
signal. Because the purpose of the low-pass filter is to prevent high
frequency signals from aliasing down, the filter is also known as an
antialiasing filter.
The signal sampling occurs at the very front of the discrete time
ADC in the sample-and-hold circuit. An external antialiasing filter is
required in front of the discrete time ADC to protect it against signal
aliasing.
The antialiasing filter design requires a fine balance between the
aliasing rejection level and the phase and magnitude distortion of
the input signal. The extra components also introduce error, noise,
and additional power consumption to the signal chain.
Other than being easy to drive, the other major advantage of the
CTSD architecture is its inherent antialiasing property. Without the
sample-and-hold circuit, the sampling of the analog signal takes
place inside the CTSD modulator at the quantizer, after the integra-
tor. This sampling scheme allows the device to take advantage of
the low-pass response of the integrator and intrinsically reject sig-
nals around the sampling frequency of the modulator. This property
provides an inherent aliasing rejection of up to 102.5 dB for the
AD4134. As shown in Figure 62, combining the inherent antialiasing
response of the CTSD modulator with the low ripple wideband
digital filter, the AD4134 is fully protected from the out of band
frequency tones.
Figure 61. Aliasing Explained with an Example Shown in Both Time and Frequency Domains
Figure 62. Combined Magnitude Response of the Inherent Antialiasing Filter and the Digital Filter of the AD4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com