Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4134 Datasheet HTML 35Page - Analog Devices AD4134 Datasheet HTML 36Page - Analog Devices AD4134 Datasheet HTML 37Page - Analog Devices AD4134 Datasheet HTML 38Page - Analog Devices AD4134 Datasheet HTML 39Page - Analog Devices AD4134 Datasheet HTML 40Page - Analog Devices AD4134 Datasheet HTML 41Page - Analog Devices AD4134 Datasheet HTML 42Page - Analog Devices AD4134 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Data Sheet
AD4134
CIRCUIT INFORMATION
analog.com
Rev. 0 | 39 of 92
The interpolation factor depends on the ODR selected. The frac-
tional sample rate conversion of the ASRC allows the final ODR to
be asynchronous to the sampling clock of the modulator.
The output of the ASRC is then decimated by an integer in the
digital filter to produce the final ODR.
The ASRC only response depends on the ODR selected and has
a notch at the value of interpolation factor × ODR frequency. The
interpolation factor values for the various ODRs are shown in Table
18.
Table 18. Interpolation Factor Values for Different ODR Ranges
ODR Range
Interpolation Factor Value
750 kSPS to 1.496 MSPS
8
375 kSPS to 749.999 kSPS
16
366.99 SPS to 374.999 kSPS
32
10 SPS to 366.99 SPS
1024
For example, the ASRC response for an ODR of 374 kSPS shows
a notch at 32 × 374 kHz = 11.968 MHz, as shown in Figure 72.
Figure 72. ASRC Only Response for ODR = 374 kSPS
Similarly, the ASRC response for an ODR of 1496 kSPS shows a
notch at 8 × 1496 kHz = 11.968 MHz, as shown in Figure 73.
Figure 73. Response for ODR of 1496 kSPS
The available output data rate range varies based on the digital
filter type and the ASRC mode selected (see the Digital Filters
section for more information).
The ASRC on the AD4134 has the following two modes of opera-
tion:
►
In master mode, the ODR pin is output and the ODR is set
through the pin configuration or a register write.
►
In slave mode, the ODR pin is input to the AD4134 and the ODR
is set with an external clock source.
ASRC Master Mode
In master mode, the ASRC resamples the interpolated modulator
output at a fixed ratio to the modulator clock (see Figure 74). The
ratio is internally calculated based on the user setting of the final
ODR. The user can configure the ODR through configuration of the
ODR pin in pin control mode or through register configuration in SPI
control mode.
In ASRC master mode, the ODR pin behaves as an output. It
produces a pulse train signal in the frequency of the output data
rate. The ADC output data is made available for sampling with
respect to the ODR signal. For details of the ASRC master mode
output data rate setting, see the ASRC Master Mode section.
Figure 74. ASRC Master Mode Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com