Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 9 of 92
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Low Power Mode
ODR = 187 kSPS
AVDD5
8.2
11
mA
DVDD5
14.1
16.5
mA
AVDD1V8
51
74.6
mA
DVDD1V8
Sinc3 filter, ODR = 1496 kSPS
30.6
42.1
mA
Sinc6 filter, ODR = 1496 kSPS
38.5
43.3
mA
Wideband 0.433 × ODR filter
48.5
56.8
mA
IOVDD
1.27
1.7
mA
CLKVDD
1.89
2.3
mA
TOTAL POWER CONSUMPTION
External LDO mode: AVDD5 = DVDD5 = 5 V,
AVDD1V8 = DVDD1V8 = CLKVDD = IOVDD = LDOIN
= 1.8 V, internal LDO regulator bypassed, XCLKOUT
disabled
High Performance Mode
ODR = 374 kSPS, Wideband 0.433 × ODR filter
4 channels active
504
556.3
mW
1 channel active
201
mW
2:1 averaging
472
mW
4:1 averaging
450
mW
ODR = 2.5 kSPS, 4 channels active
418
mW
ODR = 1496 kSPS, 4 channels active, sinc3 filter
446
mW
Low Power Mode
ODR = 187 kSPS, Wideband 0.433 × ODR filter
4 channels active
297
342.6
mW
1 channel active
121
mW
2:1 averaging
288
mW
4:1 averaging
254
mW
ODR = 2.5 kSPS, 4 channels active
260
mW
ODR = 1496 kSPS, 4 channels active, sinc3 filter
285
mW
Internal LDO regulator mode: AVDD5 = DVDD5 = 5 V,
LDOIN = 2.6 V, XCLKOUT disabled
High Performance Mode
ODR = 270 kSPS, Wideband 0.433 × ODR filter
4 channels active
593
mW
1 channel active
246
mW
2:1 averaging
555
mW
4:1 averaging
530
mW
ODR = 2.5 kSPS, 4 channels active
484
mW
ODR = 1496 kSPS, 4 channels active, sinc3 filter
547
mW
Low Power Mode
ODR = 187 kSPS, Wideband 0.433 × ODR filter
4 channels active
386
mW
1 channel active
147
mW
2:1 averaging
356
mW
4:1 averaging
334
mW
ODR = 2.5 kSPS, 4 channels active
316
mW
ODR = 1496 kSPS, 4 channels active, sinc3 filter
355
mW
Full Power-Down Mode
1
mW
Sleep Mode
15
mW
1 For internal LDO regulator mode, the maximum ODR supported for wideband FIR filters is 270 kSPS.
2 For slave mode, the maximum ODR supported for wideband FIR filters is 365 kSPS.
3 For slave mode, the maximum ODR supported for the sinc6 filter is 1460 kSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com