Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4134 Datasheet(PDF) 87 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices AD4134 Datasheet HTML 90Page - Analog Devices AD4134 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 87 of 92
Table 75. Bit Descriptions for MPC_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
00 Magnitude and phase clock delay: 0 clock delays.
01 Magnitude and phase clock delay: 1 clock delay.
10 Magnitude and phase clock delay: 2 clock delays.
11 Magnitude and phase clock delay: 0 clock delay.
[1:0]
MPC_CLKDEL_EN_CH0
Magnitude and Phase Matching Calibration Clock Delay Enable for Channel 0.
0x0
R/W
00 Magnitude and phase clock delay: 0 clock delays.
01 Magnitude and phase clock delay: 1 clock delay.
10 Magnitude and phase clock delay: 2 clock delays.
11 Magnitude and phase clock delay: 0 clock delay.
Address: 0x27, Reset: 0x00, Name: CH0_GAIN_LSB
Table 76. Bit Descriptions for CH0_GAIN_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH0[7:0]
Channel 0 Gain Calibration Value.
0x0
R/W
Address: 0x28, Reset: 0x00, Name: CH0_GAIN_MID
Table 77. Bit Descriptions for CH0_GAIN_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH0[15:8]
Channel 0 Gain Calibration Value.
0x0
R/W
Address: 0x29, Reset: 0x00, Name: CH0_GAIN_MSB
Table 78. Bit Descriptions for CH0_GAIN_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
Reserved
Reserved.
0x0
R
4
GAIN_CAL_SEL_CH0
Enables Gain Calibration on Channel 0.
0x0
R/W
[3:0]
GAIN_CH0[19:16]
Channel 0 Gain Calibration Value.
0x0
R/W
Address: 0x2A, Reset: 0x00, Name: CH0_OFFSET_LSB
Table 79. Bit Descriptions for CH0_OFFSET_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH0[7:0]
Channel 0 Offset Calibration Value.
0x0
R/W
Address: 0x2B, Reset: 0x00, Name: CH0_OFFSET_MID
Table 80. Bit Descriptions for CH0_OFFSET_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH0[15:8]
Channel 0 Offset Calibration Value.
0x0
R/W
Address: 0x2C, Reset: 0x00, Name: CH0_OFFSET_MSB
Table 81. Bit Descriptions for CH0_OFFSET_MSB
Bits
Bit Name
Settings
Description
Reset
Access
7
OFFSET_CAL_EN_CH0
Enables Offset Calibration on Channel 0.
0x0
R/W
[6:0]
OFFSET_CH0[22:16]
Channel 0 Offset Calibration Value.
0x0
R/W
Address: 0x2D, Reset: 0x00, Name: CH1_GAIN_LSB
Table 82. Bit Descriptions for CH1_GAIN_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH1[7:0]
Channel 1 Gain Calibration Value.
0x0
R/W
Address: 0x2E, Reset: 0x00, Name: CH1_GAIN_MID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com