Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 41Page - STMicroelectronics STM8S103F2 Datasheet HTML 42Page - STMicroelectronics STM8S103F2 Datasheet HTML 43Page - STMicroelectronics STM8S103F2 Datasheet HTML 44Page - STMicroelectronics STM8S103F2 Datasheet HTML 45Page - STMicroelectronics STM8S103F2 Datasheet HTML 46Page - STMicroelectronics STM8S103F2 Datasheet HTML 47Page - STMicroelectronics STM8S103F2 Datasheet HTML 48Page - STMicroelectronics STM8S103F2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 121 page
background image
DocID15441 Rev 14
45/121
STM8S103F2 STM8S103F3 STM8S103K3
Option byte
49
8
Option byte
Option byte contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated block of the memory. Except for the
ROP (read-out protection) byte, each option byte has to be stored twice, in a regular form
(OPTx) and a complemented one (NOPTx) for redundancy.
Option byte can be modified in ICP mode (via SWIM) by accessing the EEPROM address
shown in the table below.
Option byte can also be modified ‘on the fly’ by the application in IAP mode, except the ROP
option that can only be modified in ICP mode (via SWIM).
Refer to the STM8S Flash programming manual (PM0051) and STM8 SWIM
communication protocol and debug module user manual (UM0470) for information on SWIM
programming procedures.
Table 11. Option byte
Addr.
Option
name
Option
byte
no.
Option bits
Factory
default
setting
765
4
3
2
1
0
0x4800
Read-out
protection
(ROP)
OPT0
ROP [7:0]
0x00
0x4801
User boot
code (UBC)
OPT1
UBC [7:0]
0x00
0x4802
NOPT1
NUBC [7:0]
0xFF
0x4803
Alternate
function
remapping
(AFR)
OPT2
AFR7
AFR6
AFR5
AFR4
AFR3
AFR2
AFR1
AFR0
0x00
0x4804
NOPT2
NAFR7
NAFR6
NAFR5
NAFR4
NAFR3
NAFR2
NAFR1
NAFR0
0xFF
0x4805h
Misc. option
OPT3
Reserved
HSI
TRIM
LSI _ EN
IWDG
_HW
WWDG
_HW
WWDG
_HALT
0x00
0x4806
NOPT3
Reserved
NHSI
TRIM
NLSI
_ EN
NIWDG
_HW
NWWDG
_HW
NWWG
_HALT
0xFF
0x4807
Clock option
OPT4
Reserved
EXT CLK
CKAWU
SEL
PRS C1
PRS C0
0x00
0x4808
NOPT4
Reserved
NEXT
CLK
NCKA
WUSEL
NPRSC1
NPR SC0
0xFF
0x4809
HSE clock
startup
OPT5
HSECNT [7:0]
0x00
0x480A
NOPT5
NHSECNT [7:0]
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com