Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 35Page - STMicroelectronics STM8S103F2 Datasheet HTML 36Page - STMicroelectronics STM8S103F2 Datasheet HTML 37Page - STMicroelectronics STM8S103F2 Datasheet HTML 38Page - STMicroelectronics STM8S103F2 Datasheet HTML 39Page - STMicroelectronics STM8S103F2 Datasheet HTML 40Page - STMicroelectronics STM8S103F2 Datasheet HTML 41Page - STMicroelectronics STM8S103F2 Datasheet HTML 42Page - STMicroelectronics STM8S103F2 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
DocID15441 Rev 14
39/121
STM8S103F2 STM8S103F3 STM8S103K3
Memory and register map
49
0x00 5340
TIM4
TIM4_CR1
TIM4 control register 1
0x00
0x00 5341
Reserved
0x00 5342
Reserved
0x00 5343
TIM4_IER
TIM4 interrupt enable register
0x00
0x00 5344
TIM4_SR
TIM4 status register
0x00
0x00 5345
TIM4_EGR
TIM4 event generation
register
0x00
0x00 5346
TIM4_CNTR
TIM4 counter
0x00
0x00 5347
TIM4_PSCR
TIM4 prescaler register
0x00
0x00 5348
TIM4_ARR
TIM4 auto-reload register
0xFF
0x00 5349 to 0x00 53DF
Reserved area (153 byte)
0x00 53E0 to 0x00 53F3
ADC1
ADC_DBxR
ADC data buffer registers
0x00
0x00 53F4 to 0x00 53FF
Reserved area (12 byte)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com