Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 63Page - STMicroelectronics STM8S103F2 Datasheet HTML 64Page - STMicroelectronics STM8S103F2 Datasheet HTML 65Page - STMicroelectronics STM8S103F2 Datasheet HTML 66Page - STMicroelectronics STM8S103F2 Datasheet HTML 67Page - STMicroelectronics STM8S103F2 Datasheet HTML 68Page - STMicroelectronics STM8S103F2 Datasheet HTML 69Page - STMicroelectronics STM8S103F2 Datasheet HTML 70Page - STMicroelectronics STM8S103F2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 121 page
background image
DocID15441 Rev 14
67/121
STM8S103F2 STM8S103F3 STM8S103K3
Electrical characteristics
88
10.3.4
Internal clock sources and timing characteristics
Subject to general operating conditions for VDD and TA.
High speed internal RC oscillator (HSI)
Figure 20. Typical HSI frequency variation vs VDD @ 4 temperatures
Table 34. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
16
-
MHz
ACCHS
Accuracy of HSI oscillator
User-trimmed with
CLK_HSITRIMR register for
given VDD and TA
conditions(1)
1. Refer to application note.
--
1(2)
2. Guaranteed by design, not tested in production.
%
HSI oscillator accuracy
(factory calibrated)
VDD = 5 V,
TA = 25 °C(3)
3. Guaranteed by characterization results.
-1.0
-
1.0
VDD = 5 V,
-25°C
≤ TA ≤ 85 °C
-2.0
-
2.0
2.95 V
≤ VDD ≤ 5.5 V,
-40°C
≤ TA ≤ 125 °C
-3.0(3)
-3.0(3)
tsu(HSI)
HSI oscillator wakeup
time including calibration
--
-
1.0(2)
µs
IDD(HSI)
HSI oscillator power
consumption
-
-
170
250(3)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com