Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 55Page - STMicroelectronics STM8S103F2 Datasheet HTML 56Page - STMicroelectronics STM8S103F2 Datasheet HTML 57Page - STMicroelectronics STM8S103F2 Datasheet HTML 58Page - STMicroelectronics STM8S103F2 Datasheet HTML 59Page - STMicroelectronics STM8S103F2 Datasheet HTML 60Page - STMicroelectronics STM8S103F2 Datasheet HTML 61Page - STMicroelectronics STM8S103F2 Datasheet HTML 62Page - STMicroelectronics STM8S103F2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
DocID15441 Rev 14
59/121
STM8S103F2 STM8S103F3 STM8S103K3
Electrical characteristics
88
Total current consumption in halt mode
Low power mode wakeup times
Table 27. Total current consumption in halt mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max at
85 °C(1)
1.
Guaranteed by characterization results.
Max at
85 °C(1)
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode, HSI
clock after wakeup
63
75
105
µA
Flash in power-down mode,
HSI clock after wakeup
6.0
20
55
Table 28. Total current consumption in halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max at
85 °C(1)
1.
Guaranteed by characterization results.
Max at
85 °C(1)
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode, HSI
clock after wakeup
60
75
100
µA
Flash in power-down mode,
HSI clock after wakeup
4.5
17
30
Table 29. Wakeup times
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tWU(WFI)
Wakeup time from wait
mode to run mode(2)
0 to 16 MHz
-
See note(3)
µs
tWU(WFI)
Wakeup time from run
mode(2)
fCPU= fMASTER= 16 MHz
0.56
-
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator on(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
1(6)
2(6)
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator off(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
3(6)
-
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator off(4)
Flash in
operating
mode(5)
HSI (after
wakeup)
48(6)
-
tWU(AH)
Wakeup time active halt
mode to run mode(2)
MVR voltage
regulator off(4)
Flash in
power-down
mode(5)
HSI (after
wakeup)
50(6)
-
tWU(H)
Wakeup time from halt
mode to run mode(2)
Flash in operating mode(5)
52
-
tWU(H)
Wakeup time from halt
mode to run mode(2)
Flash in power-down mode(5)
54
-
1.
Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com