Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 32Page - STMicroelectronics STM8S103F2 Datasheet HTML 33Page - STMicroelectronics STM8S103F2 Datasheet HTML 34Page - STMicroelectronics STM8S103F2 Datasheet HTML 35Page - STMicroelectronics STM8S103F2 Datasheet HTML 36Page - STMicroelectronics STM8S103F2 Datasheet HTML 37Page - STMicroelectronics STM8S103F2 Datasheet HTML 38Page - STMicroelectronics STM8S103F2 Datasheet HTML 39Page - STMicroelectronics STM8S103F2 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
Memory and register map
STM8S103F2 STM8S103F3 STM8S103K3
36/121
DocID15441 Rev 14
0x00 5250
TIM1
TIM1_CR1
TIM1 control register 1
0x00
0x00 5251
TIM1_CR2
TIM1 control register 2
0x00
0x00 5252
TIM1_SMCR
TIM1 slave mode control
register
0x00
0x00 5253
TIM1_ETR
TIM1 external trigger register
0x00
0x00 5254
TIM1_IER
TIM1 interrupt enable register
0x00
0x00 5255
TIM1_SR1
TIM1 status register 1
0x00
0x00 5256
TIM1_SR2
TIM1 status register 2
0x00
0x00 5257
TIM1_EGR
TIM1 event generation
register
0x00
0x00 5258
TIM1_CCMR1
TIM1 capture/compare mode
register 1
0x00
0x00 5259
TIM1_CCMR2
TIM1 capture/compare mode
register 2
0x00
0x00 525A
TIM1_CCMR3
TIM1 capture/compare mode
register 3
0x00
0x00 525B
TIM1_CCMR4
TIM1 capture/compare mode
register 4
0x00
0x00 525C
TIM1_CCER1
TIM1 capture/compare enable
register 1
0x00
0x00 525D
TIM1_CCER2
TIM1 capture/compare enable
register 2
0x00
0x00 525E
TIM1_CNTRH
TIM1 counter high
0x00
0x00 525F
TIM1_CNTRL
TIM1 counter low
0x00
0x00 5260
TIM1_PSCRH
TIM1 prescaler register high
0x00
0x00 5261
TIM1_PSCRL
TIM1 prescaler register low
0x00
0x00 5262
TIM1_ARRH
TIM1 auto-reload register high
0xFF
0x00 5263
TIM1_ARRL
TIM1 auto-reload register low
0xFF
0x00 5264
TIM1_RCR
TIM1 repetition counter
register
0x00
0x00 5265
TIM1_CCR1H
TIM1 capture/compare
register 1 high
0x00
0x00 5266
TIM1_CCR1L
TIM1 capture/compare
register 1 low
0x00
0x00 5267
TIM1_CCR2H
TIM1 capture/compare
register 2 high
0x00
0x00 5268
TIM1_CCR2L
TIM1 capture/compare
register 2 low
0x00
0x00 5269
TIM1_CCR3H
TIM1 capture/compare
register 3 high
0x00
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com