Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 49Page - STMicroelectronics STM8S103F2 Datasheet HTML 50Page - STMicroelectronics STM8S103F2 Datasheet HTML 51Page - STMicroelectronics STM8S103F2 Datasheet HTML 52Page - STMicroelectronics STM8S103F2 Datasheet HTML 53Page - STMicroelectronics STM8S103F2 Datasheet HTML 54Page - STMicroelectronics STM8S103F2 Datasheet HTML 55Page - STMicroelectronics STM8S103F2 Datasheet HTML 56Page - STMicroelectronics STM8S103F2 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
DocID15441 Rev 14
53/121
STM8S103F2 STM8S103F3 STM8S103K3
Electrical characteristics
88
Figure 10. fCPUmax versus VDD
PD(3)
Power dissipation
at TA = 125 °C for suffix 3
TSSOP20
-
59
mW
SO20W
-
55
UFQFPN20
-
55
LQFP32
-
83
UFQFPN32
-
132
SDIP32
-
83
TA
Ambient temperature for suffix
6 version
Maximum power
dissipation
-40
85
°C
TA
Ambient temperature for suffix
3 version
Maximum power
dissipation
-40
125
TJ
Junction temperature range
Suffix 6 version
-40
105
Suffix 3 version
-40
130
1. Care should be taken when selecting the capacitor, due to its tolerance, as well as the parameter
dependency on temperature, DC bias and frequency in addition to other factors. The parameter maximum
value must be respected for the full application range.
2. This frequency of 1 MHz as a condition for VCAP parameters is given by design of internal regulator.
3. To calculate PDmax(TA), use the formula PDmax=(TJmax- TA)/ΘJA (see Section 12: Thermal characteristics)
with the value for TJmax given in the previous table and the value for ΘJA given in Section 12: Thermal
characteristics
Table 20. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
-
2
-
∞
µs/V
VDD fall time rate(1)
-2
-
∞
Table 19. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com